データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59481IRZ-T13 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL59481IRZ-T13
部品情報  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59481IRZ-T13 データシート(HTML) 1 Page - Intersil Corporation

  ISL59481IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6208.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59481
Dual, 500MHz Triple, Multiplexing
Amplifiers
The ISL59481 contains two independent unity gain triple 4:1
MUX amplifiers that feature high slew rate and excellent
bandwidth for RGB video switching. Each RGB 4:1 MUX
contains binary coded, channel select logic inputs (S0, S1),
and separate logic inputs for High Impedance output (HIZ)
and power-down (EN) modes. The HIZ state presents a high
impedance at the output so that both RGB MUX outputs can
be wired together to form an 8:1 RGB MUX amplifier or they
can be used in R-R, G-G, and B-B pairs to form a 4:1
differential input/output MUX. Separate power-down mode
controls (EN1, EN2) are included to turn off unused circuitry
in power sensitive applications. With both EN pins pulled
high, the ISL59481 enters a standby power mode -
consuming just 36mW.
Features
• Dual, triple 4:1 multiplexers for RGB
• Externally configurable for various video MUX circuits
including
- 8:1 RGB MUX
- Two separate 4:1 RGB MUX
- 4:1 differential RGB video MUX
• Internally set gain-of-1
• High impedance outputs (HIZ)
• Power-down mode (EN)
• ±5V operation
• ±870V/µs slew rate
• 500MHz bandwidth
• Supply current 16mA/CH
• Pb-free plus anneal (RoHS compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Related Literature
• Application Note AN1235 “ISL59481EVAL1 Evaluation
Board User’s Guide”
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL59481IRZ
ISL59481 IRZ
-
48 Ld Exposed
Pad 7x7 QFN
L48.7x7B
ISL59481IRZ-T13 ISL59481 IRZ
13”
48 Ld Exposed
Pad 7x7 QFN
L48.7x7B
ISL59481EVAL1Z Evaluation PCB
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TABLE 1. CHANNEL SELECT LOGIC TABLE ISL59481
S1-1, 2
S0-1, 2
EN1, EN2
HIZ1, 2
OUTPUT1, 2
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
X
X
1
X
Power-down
XX
0
1
High Z
Data Sheet
May 18, 2007


同様の部品番号 - ISL59481IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59481IRZ-T13 INTERSIL-ISL59481IRZ-T13 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481IRZ-T13 RENESAS-ISL59481IRZ-T13 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

同様の説明 - ISL59481IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com