データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28191FRUZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL28191FRUZ
部品情報  Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28191FRUZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL28191FRUZ Datasheet HTML 5Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 6Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 7Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 8Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 9Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 10Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 11Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 12Page - Intersil Corporation ISL28191FRUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6156.5
February 20, 2008
FIGURE 25. CMRR vs TEMPERATURE, VCM = 3.8V,
VS = ±2.5V
FIGURE 26. PSRR vs TEMPERATURE ±1.5V TO ±2.5V
FIGURE 27. POSITIVE VOUT vs TEMPERATURE, RL = 1k
VS = ±2.5V
FIGURE 28. NEGATIVE VOUT vs TEMPERATURE, RL = 1k
VS = ±2.5V
Typical Performance Curves (Continued)
70
80
90
100
110
120
130
140
150
160
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MIN
MAX
70
72
74
76
78
80
82
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MIN
MAX
4.960
4.965
4.970
4.975
4.980
4.985
4.990
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MIN
MAX
10
15
20
25
30
35
40
45
50
55
60
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MIN
MAX
Pin Descriptions
ISL28191
(6 Ld SOT-23)
ISL28191
(6 Ld µTDFN)
ISL28291
(8 Ld SOIC)
ISL28291
(10 Ld MSOP)
ISL28291
(10 Ld µTQFN)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
42
2 (A)
6 (B)
2 (A)
8 (B)
1 (A)
7 (B)
IN-
IN-_A
IN-_B
Inverting input
Circuit 1
33
3 (A)
5 (B)
3 (A)
7 (B)
2 (A)
6 (B)
IN+
IN+_B
IN+_B
Non-inverting
input
(See circuit 1)
2
4
4
4
3
V-
Negative supply
IN+
IN-
V+
V-
ISL28191, ISL28291


同様の部品番号 - ISL28191FRUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28191FRUZ-T7 INTERSIL-ISL28191FRUZ-T7 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191FRUZ-T7 RENESAS-ISL28191FRUZ-T7 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191FRUZ-TK INTERSIL-ISL28191FRUZ-TK Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
More results

同様の説明 - ISL28191FRUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com