データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28290FUZ-T7 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL28290FUZ-T7
部品情報  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290FUZ-T7 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL28290FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28290FUZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN6247.7
March 17, 2008
FIGURE 13. THD+N @ 1kHz vs VOUT
FIGURE 14. INPUT REFERRED NOISE VOLTAGE vs
FREQUENCY
FIGURE 15. INPUT REFERRED NOISE CURRENT vs
FREQUENCY
FIGURE 16. ENABLE/DISABLE TIMING
FIGURE 17. SMALL SIGNAL STEP RESPONSE
FIGURE 18. LARGE SIGNAL (1V) STEP RESPONSE
Typical Performance Curves (Continued)
0.0001
0.001
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (VP-P)
V+ = 5V
RL = 10k
RF = 0, AV = 1
400Hz TO 22kHz FILTER
FREQUENCY= 1kHz
1
10
100
1k
10k
FREQUENCY (Hz)
1
10
100k
0.1
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
100k
0.1
1
10
100
1000
0
1
2
3
4
5
-1
0123
4
EN INPUT
OUTPUT
TIME (µs)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VIN = 1VDC
ENABLE
DISABLE
ENABLE
TIME (ns)
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0
20
40
60
80
100 120 140 160 180 200
VIN
VOUT
V+ = ±2.5V
AV = +1
RL = 10kΩ
VOUT = 100mVP-P
TIME (ns)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
100
200
300
400
500
600
700
800
VIN
VOUT
V+ =
±2.5V
AV = +2
RF = RG = 499Ω
RL = 10kΩ
VOUT = 1VP-P
ISL28190, ISL28290


同様の部品番号 - ISL28290FUZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28290FUZ-T7 INTERSIL-ISL28290FUZ-T7 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28290FUZ-T7 INTERSIL-ISL28290FUZ-T7 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290FUZ-T7 RENESAS-ISL28290FUZ-T7 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FUZ-T7 RENESAS-ISL28290FUZ-T7 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
More results

同様の説明 - ISL28290FUZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com