データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28273FAZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28273FAZ
部品情報  Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28273FAZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28273FAZ Datasheet HTML 2Page - Intersil Corporation ISL28273FAZ Datasheet HTML 3Page - Intersil Corporation ISL28273FAZ Datasheet HTML 4Page - Intersil Corporation ISL28273FAZ Datasheet HTML 5Page - Intersil Corporation ISL28273FAZ Datasheet HTML 6Page - Intersil Corporation ISL28273FAZ Datasheet HTML 7Page - Intersil Corporation ISL28273FAZ Datasheet HTML 8Page - Intersil Corporation ISL28273FAZ Datasheet HTML 9Page - Intersil Corporation ISL28273FAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6260.4
August 3, 2007
FIGURE 5. ISL28270, ISL28470 FREQUENCY RESPONSE vs
CLOSED LOOP GAIN, V+ = 5V, VCM = 10mV
FIGURE 6. ISL28273 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN, V+ = 5V, VCM = 10mV
FIGURE 7. ISL28270, ISL28470 FREQUENCY RESPONSE vs
SUPPLY VOLTAGE
FIGURE 8. ISL28273 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 9. ISL28270, ISL28470 FREQUENCY RESPONSE vs
CLOAD
FIGURE 10. ISL28273 FREQUENCY RESPONSE vs CLOAD
Typical Performance Curves
V+ = +5V, V- = 0V VCM = 1/2V+, VEN = V-, RL = Open, TA = +25°C, unless otherwise specified.
(Continued)
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 100V/V
GAIN = 200V/V
GAIN = 500V/V
GAIN = 1,000V/V
GAIN = 2,000V/V
GAIN = 10,000V/V
COMMON-MODE INPUT = V- + 10mV
GAIN = 5,000V/V
10
20
30
40
50
60
70
1E+00
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
FREQUENCY (Hz)
GAIN = 500
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
GAIN = 1000
COMMON-MODE INPUT = V- + 10mV
100
10k
1k
100k
1M
45
40
35
30
25
20
15
10
5
0
FREQUENCY (Hz)
V+ = 2.4V
V+ = 3.3V
V+ = 5V
AV = 100
RL = 10kΩ
CL = 10pF
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
100
10k
1k
100k
25
20
15
10
5
0
FREQUENCY (Hz)
AV = 10
R = 10k
Ω
CL = 10pF
RF/RG = 9.08Ω
RF = 178kΩ
RG = 19.6kΩ
1M
V+ = 5V
V+ = 2.4V
V+ = 3.3V
100
10k
1k
100k
50
45
40
35
30
25
FREQUENCY (Hz)
CL = 820pF
AV = 100
V+, V- = ±2.5V
RL = 10kΩ
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
1M
CL = 56pF
CL = 470pF
CL = 220pF
100
10k
1k
100k
30
25
20
15
10
0
FREQUENCY (Hz)
CL = 100pF
AV = 10
V+ = 5V
RL = 10kΩ
RF/RG = 9.08Ω
RF = 178kΩ
RG = 19.6kΩ
1M
CL = 2.7pF
5
CL = 27pF
CL = 47pF
ISL28270, ISL28273, ISL28470


同様の部品番号 - ISL28273FAZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28273FAZ INTERSIL-ISL28273FAZ Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28273FAZ RENESAS-ISL28273FAZ Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28273FAZ-T7 INTERSIL-ISL28273FAZ-T7 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28273FAZ-T7 RENESAS-ISL28273FAZ-T7 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
More results

同様の説明 - ISL28273FAZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com