データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28288 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL28288
部品情報  Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL28288_07 Datasheet HTML 5Page - Intersil Corporation ISL28288_07 Datasheet HTML 6Page - Intersil Corporation ISL28288_07 Datasheet HTML 7Page - Intersil Corporation ISL28288_07 Datasheet HTML 8Page - Intersil Corporation ISL28288_07 Datasheet HTML 9Page - Intersil Corporation ISL28288_07 Datasheet HTML 10Page - Intersil Corporation ISL28288_07 Datasheet HTML 11Page - Intersil Corporation ISL28288_07 Datasheet HTML 12Page - Intersil Corporation ISL28288_07 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6339.1
June 28, 2007
Applications Information
Introduction
The ISL28288 and ISL28488 are dual and quad CMOS
rail-to-rail input, output (RRIO) micropower operational
amplifiers. These devices are designed to operate from a
single supply (2.4V to 5.0V) or dual supplies (±1.2V to
±2.5V) while drawing only 120
μA of supply current. This
combination of low power and precision performance makes
these devices suitable for solar and battery power
applications.
Rail-to-Rail Input
Many rail-to-rail input stages use two differential input pairs,
a long-tail PNP (or PFET) and an NPN (or NFET). Severe
penalties have to be paid for this circuit topology. As the
input signal moves from one supply rail to another, the
operational amplifier switches from one input pair to the
other causing drastic changes in input offset voltage and an
undesired change in magnitude and polarity of input offset
current.
The ISL28288 achieves input rail-to-rail without sacrificing
important precision specifications and degrading distortion
performance. The devices’ input offset voltage exhibits a
smooth behavior throughout the entire common-mode input
range. The input bias current versus the common-mode
voltage range gives us an undistorted behavior from typically
100mV below the negative rail and 10% higher than the V+
rail (0.5V higher than V+ when V+ equals 5V).
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. There is an
additional pair of back-to-back diodes across the input
terminals. For applications where the input differential voltage
is expected to exceed 0.5V, external series resistors must be
used to ensure the input currents never exceed 5mA.
Rail-to-Rail Output
A pair of complementary MOSFET devices are used to achieve
the rail-to-rail output swing. The NMOS sinks current to swing
the output in the negative direction. The PMOS sources current
to swing the output in the positive direction. The ISL28288 with
a 100k
Ω load will swing to within 4mV of the positive supply rail
and within 3mV of the negative supply rail.
Enable/Disable Feature
The ISL28288 offers an EN pin that disables the device
when pulled up to at least 2.0V. In the disabled state (output
in a high impedance state), the part consumes typically 4µA.
By disabling the part, multiple ISL28288 parts can be
connected together as a MUX. In this configuration, the
outputs are tied together in parallel and a channel can be
selected by the EN pin. The loading effects of the feedback
resistors of the disabled amplifier must be considered when
multiple amplifier outputs are connected together. The EN
pin also has an internal pull down. If left open, the EN pin will
pull to the negative rail and the device will be enabled by
default.
Using Only One Channel
The ISL28288 is a dual op amp. If the application only
requires one channel, the user must configure the unused
channel to prevent it from oscillating. The unused channel
will oscillate if the input and output pins are floating. This will
result in higher than expected supply currents and possible
10
OUT_C
Circuit 3
Amplifier C output
11
IN-_C
Circuit 1
Amplifier C inverting input
12
IN+_C
Circuit 1
Amplifier C non-inverting input
14
IN+_D
Circuit 1
Amplifier D non-inverting input
15
IN-_D
Circuit 1
Amplifier D inverting input
16
OUT_D
Circuit 3
Amplifier D output
8, 9
NC
-
No internal connection
Pin Descriptions (Continued)
ISL28288
(10 LD MSOP)
ISL28488
(16 LD QSOP)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
V+
V-
CIRCUIT 4
IN-
V+
V-
IN+
CAPACITIVELY
COUPLED
ESD CLAMP
ISL28288, ISL28488


同様の部品番号 - ISL28288_07

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288EVAL1Z RENESAS-ISL28288EVAL1Z Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28288FBZ RENESAS-ISL28288FBZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288FUZ INTERSIL-ISL28288FUZ Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28288FUZ RENESAS-ISL28288FUZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
More results

同様の説明 - ISL28288_07

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com