データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28290FBZ-T7 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28290FBZ-T7
部品情報  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290FBZ-T7 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28290FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28290FBZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6247.7
March 17, 2008
FIGURE 7. ENABLED OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. PSRR vs FREQUENCY
FIGURE 10. OFF ISOLATION vs FREQUENCY
FIGURE 11. CHANNEL-TO-CHANNEL CROSSTALK vs
FREQUENCY
FIGURE 12. THD+N vs FREQUENCY
Typical Performance Curves (Continued)
0.01
0.1
1
10
100
100k
1M
10M
100M
1G
FREQUENCY (Hz)
V+ = 5V, 3V
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VCM = 100mVP-P
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
100M
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VSOURCE = 100mVP-P
FREQUENCY (Hz)
PSRR-
PSRR+
-80
-70
-60
-50
-40
-30
-20
-10
10k
100k
1M
10M
100M
1G
VP-P = 1V
VP-P = 100mV
VP-P = 10mV
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10k
100k
1M
10M
100M
1G
VP-P = 1V
FREQUENCY (Hz)
0.0001
0.001
0.01
0.1
0
2k
4k
6k
8k
10k 12k 14k 16k 18k 20k
FREQUENCY (Hz)
V+ = 5V
RL = 10k
RF = 0, AV = 1
400Hz TO 22kHz FILTER
VOUT = 2VP-P
ISL28190, ISL28290


同様の部品番号 - ISL28290FBZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28290FBZ-T7 INTERSIL-ISL28290FBZ-T7 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290FBZ-T7 RENESAS-ISL28290FBZ-T7 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FBZ-T7 RENESAS-ISL28290FBZ-T7 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
More results

同様の説明 - ISL28290FBZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com