データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28288FUZ データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL28288FUZ
部品情報  Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288FUZ データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL28288FUZ Datasheet HTML 4Page - Intersil Corporation ISL28288FUZ Datasheet HTML 5Page - Intersil Corporation ISL28288FUZ Datasheet HTML 6Page - Intersil Corporation ISL28288FUZ Datasheet HTML 7Page - Intersil Corporation ISL28288FUZ Datasheet HTML 8Page - Intersil Corporation ISL28288FUZ Datasheet HTML 9Page - Intersil Corporation ISL28288FUZ Datasheet HTML 10Page - Intersil Corporation ISL28288FUZ Datasheet HTML 11Page - Intersil Corporation ISL28288FUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6339.1
June 28, 2007
FIGURE 25. AVOL vs TEMPERATURE, V+, V- = ±2.5V, RL=1k
FIGURE 26. CMRR vs TEMPERATURE VCM = +2.5V TO -2.5V,
V+, V- = ±2.5V
FIGURE 27. PSRR vs TEMPERATURE, V+, V- = ±1.2V TO ±2.75V
FIGURE 28. VOUT HIGH vs TEMPERATURE,
V+, V- = ±2.5V, RL= 1k
FIGURE 29. VOUT HIGH vs TEMPERATURE,
V+, V- = ±2.5V, RL= 100k
FIGURE 30. VOUT LOW vs TEMPERATURE,
V+, V- = ±2.5V, RL= 1k
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
30
40
50
60
70
80
90
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
75
85
95
105
115
125
135
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
80
90
100
110
120
130
140
n = 1000
MIN
MEDIAN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
4.84
4.85
4.86
4.87
4.88
4.89
4.90
4.91
n = 1000
MIN
MEDIAN
MAX
4.9964
4.9966
4.9968
4.9970
4.9972
4.9974
4.9976
4.9978
4.9980
4.9982
4.9984
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MAX
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
100
110
120
130
140
150
160
170
n = 1000
MIN
MAX
MEDIAN
ISL28288, ISL28488


同様の部品番号 - ISL28288FUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28288FUZ INTERSIL-ISL28288FUZ Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28288FUZ RENESAS-ISL28288FUZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288FUZ-T7 INTERSIL-ISL28288FUZ-T7 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results

同様の説明 - ISL28288FUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com