データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX8734A データシート(PDF) 28 Page - Maxim Integrated Products

部品番号 MAX8734A
部品情報  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8734A データシート(HTML) 28 Page - Maxim Integrated Products

Back Button MAX8734A Datasheet HTML 24Page - Maxim Integrated Products MAX8734A Datasheet HTML 25Page - Maxim Integrated Products MAX8734A Datasheet HTML 26Page - Maxim Integrated Products MAX8734A Datasheet HTML 27Page - Maxim Integrated Products MAX8734A Datasheet HTML 28Page - Maxim Integrated Products MAX8734A Datasheet HTML 29Page - Maxim Integrated Products MAX8734A Datasheet HTML 30Page - Maxim Integrated Products MAX8734A Datasheet HTML 31Page - Maxim Integrated Products MAX8734A Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
28
______________________________________________________________________________________
Rectifier Selection
Current circulates from ground to the junction of both
MOSFETs and the inductor when the high-side switch is
off. As a consequence, the polarity of the switching
node is negative with respect to ground. This voltage is
approximately -0.7V (a diode drop) at both transition
edges while both switches are off (dead time). The drop
is IL x RDS(ON) when the low-side switch conducts.
The rectifier is a clamp across the synchronous rectifier
that catches the negative inductor swing during the dead
time between turning the high-side MOSFET off and the
synchronous rectifier on. The MOSFETs incorporate a
high-speed silicon body diode as an adequate clamp
diode if efficiency is not of primary importance. Place a
Schottky diode in parallel with the body diode to reduce
the forward-voltage drop and prevent the N2/N4 MOSFET
body diodes from turning on during the dead time.
Typically, the external diode improves the efficiency by
1% to 2%. Use a Schottky diode with a DC current rating
equal to 1/3 of the load current. For example, use an
MBR0530 (500mA-rated) type for loads up to 1.5A, a
1N5819 type for loads up to 3A, or a 1N5822 type for
loads up to 10A. The rectifier’s rated reverse-breakdown
voltage must be at least equal to the maximum input volt-
age, preferably with a 20% derating factor.
Boost Supply Diode
A signal diode, such as a 1N4148, works well in most
applications. Use a small (20mA) Schottky diode for
slightly improved efficiency and dropout characteris-
tics, if the input voltage can go below 6V. Do not use
large power diodes, such as 1N5817 or 1N4001, since
high-junction capacitance can force LDO5 to excessive
voltages.
Applications Information
Dropout Performance
The output voltage-adjust range for continuous-conduc-
tion operation is restricted by the nonadjustable 350ns
(max) minimum off-time, one-shot. Use the slower 5V
SMPS for the higher of the two output voltages for best
dropout performance in adjustable feedback mode. The
duty-factor limit must be calculated using worst-case val-
ues for on- and off-times, when working with low input
voltages. Manufacturing tolerances and internal propaga-
tion delays introduce an error to the tON K-factor. Also,
keep in mind that transient-response performance of
buck regulators operated close to dropout is poor, and
bulk output capacitance must often be added (see the
VSAG equation in the Output-Capacitor Selection section).
The absolute point of dropout occurs when the inductor
current ramps down during the minimum off-time
(
∆IDOWN) as much as it ramps up during the on-time
(
∆IUP). The ratio h = ∆IUP/∆IDOWN indicates the ability to
slew the inductor current higher in response to
increased load, and must always be greater than 1. As
h approaches 1, the absolute minimum dropout point,
the inductor current is less able to increase during each
switching cycle and VSAG greatly increases unless
additional output capacitance is used.
A reasonable minimum value for h is 1.5, but this can
be adjusted up or down to allow tradeoffs between
VSAG, output capacitance, and minimum operating
voltage. For a given value of h, the minimum operating
voltage can be calculated as:
where VDROP1 and VDROP2 are the parasitic voltage
drops in the discharge and charge paths (see the On-
Time, One-Shot section), tOFF(MIN) is from the EC table,
and K is taken from Table 2. The absolute minimum
input voltage is calculated with h = 1.
Operating frequency must be reduced or h must be
increased and output capacitance added to obtain an
acceptable VSAG if calculated V+(MIN) is greater than
the required minimum input voltage. Calculate VSAG to
be sure of adequate transient response if operation
near dropout is anticipated.
Dropout Design Example
MAX8733A: With VOUT5 = 5V, fsw = 400kHz, K = 2.25µs,
tOFF(MIN) = 350ns, VDROP1 = VDROP2 = 100mV, and h = 1.5,
V
VV
th
K
VV
MIN
OUT
DROP
OFF MIN
DROP
DROP
+=
+
()
×
+−
()
_
()
1
21
1
MAX8732A
MAX8733A
MAX8734A
V+
12V
POSITIVE
SECONDARY
OUTPUT
5V
MAIN
OUTPUT
DL_
DH_
T1
10
µH
1:2.2
T1 = TRANSPOWER TECHNOLOGIES TTI-5870
MAX1658/
MAX1659
LDO
Figure 12. Transformer-Coupled Secondary Output


同様の部品番号 - MAX8734A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX8734 MAXIM-MAX8734 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8734EEI MAXIM-MAX8734EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

同様の説明 - MAX8734A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com