データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2852 データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2852
部品情報  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 データシート(HTML) 5 Page - National Semiconductor (TI)

  LM2852_06 Datasheet HTML 1Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 2Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 3Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 4Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 5Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 6Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 7Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 8Page - National Semiconductor (TI) LM2852_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics AVIN = PVIN = 5V unless otherwise indicated under the Conditions column.
Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C
to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
D
range
Duty Cycle Range
0
100
%
ENABLE CONTROL
4
V
IH
EN Pin Minimum
High Input
75
%of
AVIN
V
IL
EN Pin Maximum
Low Input
25
%of
AVIN
I
EN
EN Pin Pullup
Current
EN = 0V
1.2
µA
THERMAL CONTROLS
T
SD
T
J for Thermal
Shutdown
165
˚C
T
SD-HYS
Hysteresis for
Thermal Shutdown
10
˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for which the device is
intended to be functional, but does not guarantee specfic performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Human body model: 1.5k
Ω in series with 100pF. SW and PVIN pins are derated to 1.5kV
Note 3: VOUT measured in a non-switching, closed-loop configuration at the SNS pin.
Note 4: The enable pin is internally pulled up, so the LM2852 is automatically enabled unless an external enable voltage is applied.
www.national.com
5


同様の部品番号 - LM2852_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2852XMXA-0.8 TI1-LM2852XMXA-0.8 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852XMXA-0.8/NOPB TI1-LM2852XMXA-0.8/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM2852XMXA-1.0 NSC-LM2852XMXA-1.0 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2852XMXA-1.0 TI1-LM2852XMXA-1.0 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852XMXA-1.0/NOPB TI1-LM2852XMXA-1.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

同様の説明 - LM2852_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com