データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3502SQ-25 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3502SQ-25
部品情報  Step-Up Converter for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3502SQ-25 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM3502SQ-25 Datasheet HTML 1Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 2Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 3Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 4Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 5Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 6Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 7Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 8Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Notes 6, 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin
−0.3V to +5.5V
Sw Pin
−0.3V to +48V
Fb Pin
−0.3V to +5.5V
Cntrl Pin
−0.3V to +5.5V
V
OUT1 Pin
−0.3V to +48V
V
OUT2 Pin
−0.3V to V
OUT1
En1
−0.3V to +5.5V
En2
−0.3V to +5.5V
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
(T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Rating (Note 2)
Human Body Model:
Machine Model:
2kV
200V
Operating Conditions (Notes 1, 6)
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
−40˚C to +85˚C
Input Voltage, V
IN Pin
2.5V to 5.5V
Cntrl, En1, and En2 Pins
0V to 5.5V
Thermal Properties (Note 4)
Junction-to-Ambient Thermal Resistance (
θ
JA)
Micro SMD Package
65˚C/W
Leadless Leadframe Package
49˚C/W
Preliminary Electrical Characteristics (Notes 6, 7) Limits in standard typeface are for T
J = 25˚C.
Limits in bold typeface apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise
specified, V
IN = 2.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage
2.5
5.5
V
I
Q
Non-Switching
Switching
Shutdown
Low I
Q Shutdown
Fb > 0.25V
Fb = 0V, Sw Is Floating
Cntrl = 0V
Cntrl = 1.5V, En1 = En2 = 0V
0.5
1.9
0.1
6
1
3
3
15
mA
mA
µA
µA
V
Fb
Feedback Voltage
0.18
0.25
0.3
V
I
CL
NMOS Power Switch
Current Limit
−16, Fb = 0V
−25, Fb = 0V
−35, Fb = 0V
−44, Fb = 0V
250
400
450
450
400
600
750
750
650
800
1050
1050
mA
I
Fb
Feedback Pin Bias
Current (Note 8)
Fb = 0.25V
64
500
nA
F
S
Switching Frequency
0.8
1
1.2
MHz
R
DS(ON)
NMOS Power Switch
ON Resistance
(Figure 2: N1)
I
Sw = 500 mA
0.55
1.1
R
PDS(ON)
PMOS ON Resistance
of V
OUT1/VOUT2 Switch
(Figure 2: N1)
I
PMOS = 20 mA, En1 = 0V, En2 = 1.5V
5
10
R
NDS(ON)
NMOS ON Resistance
of V
OUT2/Fb Switch
(Figure 2: N2)
I
NMOS = 20 mA, En1 = 1.5V, En2 = 0V
2.5
5
D
MAX
Maximum Duty Cycle
Fb = 0V
90
95
%
I
Cntrl
Cntrl Pin Input Bias
Current (Note 3)
Cntrl = 2.5V
Cntrl = 0V
7
0.1
14
µA
I
Sw
Sw Pin Leakage
Current (Note 3)
Sw = 42V, Cntrl = 0V
0.01
5
µA
I
VOUT1(OFF) VOUT1 Pin Leakage
Current (Note 3)
V
OUT1 = 14V, Cntrl = 0V (16)
V
OUT1 = 23V, Cntrl = 0V (25)
V
OUT1 = 32V, Cntrl = 0V (35)
V
OUT1 = 42V, Cntrl = 0V (44)
0.1
0.1
0.1
0.1
3
3
3
3
µA
www.national.com
4


同様の部品番号 - LM3502SQ-25

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3502SQ-25 NSC-LM3502SQ-25 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-25 TI1-LM3502SQ-25 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502SQ-25/NOPB TI1-LM3502SQ-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502SQ-25NOPB TI1-LM3502SQ-25NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

同様の説明 - LM3502SQ-25

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com