データシートサーチシステム |
|
L79L12ACZ データシート(PDF) 9 Page - STMicroelectronics |
|
L79L12ACZ データシート(HTML) 9 Page - STMicroelectronics |
9 / 13 page ELECTRICAL CHARACTERISTICS FOR L79L12AB AND L79L12AC (refer to the test circuits, Vi = -19V, Io = 40 mA, Ci = 0.33 µF, Co = 0.1 µF, Tj = 0 to 125 oC for L79L12AC,Tj = -40 to 125 oC for L79L12AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Tj =25 oC -11.5 -12 -12.5 V Vo Output Voltage Io = 1 to 40 mA Vi = -14.5 to -27 V Io = 1 to 70 mA Vi = -19 V -11.4 -11.4 -12.6 -12.6 V V ∆Vo Line Regulation Vi = -14.5 to -27 V Tj =25 oC Vi = -16 to -27 V Tj =25 oC 250 200 mV mV ∆Vo Load Regulation Io = 1 to 100 mA Tj =25 oC Io = 1 to 40 mA Tj =25 oC 100 50 mV mV Id Quiescent Current Tj =25 oC Tj = 125 oC 6.5 6 mA mA ∆Id Quiescent Current Change Io = 1 to 40 mA 0.1 mA ∆Id Quiescent Current Change Vi = -16 to -27 V 1.5 mA eN Output Noise Voltage B = 10Hz to 100KHz Tj =25 oC80 µV SVR Supply Voltage Rejection Io = 40 mA f = 120 Hz Tj =25 oC Vi = -15 to -25 V 37 42 dB Vd Dropout Voltage 1.7 V ELECTRICAL CHARACTERISTICS FOR L79L15AB AND L79L15AC (refer to the test circuits, Vi = -23V, Io = 40 mA, Ci = 0.33 µF, Co = 0.1 µF, Tj = 0 to 125 oC for L79L15AC,Tj = -40 to 125 oC for L79L15AB,unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vo Output Voltage Tj =25 oC -14.4 -15 -15.6 V Vo Output Voltage Io = 1 to 40 mA Vi = -17.5 to -30 V Io = 1 to 70 mA Vi = -23 V -14. 25 -14. 25 -15.75 -15.75 V V ∆Vo Line Regulation Vi = -17.5 to -30 V Tj =25 oC Vi = -20 to -30 V Tj =25 oC 300 250 mV mV ∆Vo Load Regulation Io = 1 to 100 mA Tj =25 oC Io = 1 to 40 mA Tj =25 oC 150 75 mV mV Id Quiescent Current Tj =25 oC Tj = 125 oC 6.5 6 mA mA ∆Id Quiescent Current Change Io = 1 to 40 mA 0.1 mA ∆Id Quiescent Current Change Vi = -20 to -30 V 1.5 mA eN Output Noise Voltage B = 10Hz to 100KHz Tj =25 oC90 µV SVR Supply Voltage Rejection Io = 40 mA f = 120 Hz Tj =25 oC Vi = -18.5 to -28.5 V 34 39 dB Vd Dropout Voltage 1.7 V L79L00 9/13 |
同様の部品番号 - L79L12ACZ |
|
同様の説明 - L79L12ACZ |