データシートサーチシステム |
|
L78M10CDT-TR データシート(PDF) 6 Page - STMicroelectronics |
|
L78M10CDT-TR データシート(HTML) 6 Page - STMicroelectronics |
6 / 19 page L78M00 SERIES 6/21 ELECTRICAL CHARACTERISTICS OF L78M08C (refer to the test circuits, TJ = 25°C, VI =14V, IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). ELECTRICAL CHARACTERISTICS OF L78M09C (refer to the test circuits, TJ = 25°C, VI =15V, IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage 7.7 8 8.3 V VO Output Voltage IO = 5 to 350 mA VI = 10.5 to 23 V 7.6 8 8.4 V ∆V O Line Regulation VI =10.5to 25V IO = 200 mA 100 mV VI = 11to25 V IO = 200 mA 50 ∆V O Load Regulation IO = 5 to 500 mA TJ = 25°C 160 mV IO = 5 to 200 mA TJ = 25°C 80 Id Quiescent Current 6mA ∆I d Quiescent Current Change IO = 5 to 350 mA 0.5 mA IO = 200 mA VI =10.5to 25V 0.8 ∆V O/∆T Output Voltage Drift IO =5mA TJ = 0 to 125°C -0.5 mV/°C SVR Supply Voltage Rejection VI = 11.5 to 21.5 V f = 120Hz IO = 300mA 56 dB eN Output Noise Voltage B =10Hz to 100KHz 52 µV Vd Dropout Voltage 2 V Isc Short Circuit Current VI = 35 V 250 mA Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage 8.65 9 9.35 V VO Output Voltage IO = 5 to 350 mA VI = 11.5to 24V 8.55 9 9.45 V ∆V O Line Regulation VI = 11.5 to25V IO = 200 mA 100 mV VI = 12to 25V IO = 200 mA 50 ∆V O Load Regulation IO = 5 to 500 mA TJ = 25°C 180 mV IO = 5 to 200 mA TJ = 25°C 90 Id Quiescent Current 6mA ∆I d Quiescent Current Change IO = 5 to 350 mA 0.5 mA IO = 200 mA VI = 11.5to 25V 0.8 ∆V O/∆T Output Voltage Drift IO =5mA TJ = 0 to 125°C -0.5 mV/°C SVR Supply Voltage Rejection VI = 12.5 to 23 V f = 120Hz IO = 300mA 56 dB eN Output Noise Voltage B =10Hz to 100KHz 58 µV Vd Dropout Voltage 2 V Isc Short Circuit Current VI = 35 V 250 mA |
同様の部品番号 - L78M10CDT-TR |
|
同様の説明 - L78M10CDT-TR |