データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431CZ データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 TL431CZ
部品情報  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TL431CZ データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  TL431CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431CZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
EQUIVALENT SCHEMATIC
- All component values are nominal
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATING TABLE1-FREE-AIR TEMPERATURE
Jan. 2007 - Rev 1.0
HTC
491㎽
6.2㎽/℃
36
100
MIN.
V
TA=70℃
Power Rating
TA=85℃
Power Rating
VREF
1
TA=125℃
Power Rating
-
398㎽
TO-92
2
Power Rating
Derating Factor
Above TA=25℃
UNIT
MAX.
CHARACTERISTIC
Cathode Voltage
Cathode Current
SYMBOL
VKA
IK
770㎽
Package
TA=25℃
122㎽
-
SOT-23
230㎽
1.8㎽/℃
149㎽


同様の部品番号 - TL431CZ

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
logo
Analog Intergrations Co...
TL431CZ AIC-TL431CZ Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
HTC Korea TAEJIN Techno...
TL431CZ HTC-TL431CZ Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
STMicroelectronics
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431CZ STMICROELECTRONICS-TL431CZ Datasheet
174Kb / 15P
   Programmable voltage reference
More results

同様の説明 - TL431CZ

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com