データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGW39NC60VD データシート(PDF) 11 Page - STMicroelectronics

部品番号 STGW39NC60VD
部品情報  40 A - 600 V - very fast IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW39NC60VD データシート(HTML) 11 Page - STMicroelectronics

Back Button STGW39NC60VD_08 Datasheet HTML 7Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 8Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 9Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 10Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 11Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 12Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 13Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 14Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STGW39NC60VD
Test circuit
11/15
3
Test circuit
Figure 18. Test circuit for inductive load
switching
Figure 19. Gate charge test circuit
Figure 20. Switching waveforms
Figure 21. Diode recovery times waveform


同様の部品番号 - STGW39NC60VD_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
More results

同様の説明 - STGW39NC60VD_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com