データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM11A-W3-865 データシート(PDF) 4 Page - OSRAM GmbH

部品番号 LM11A-W3-865
部品情報  LINEARlight Flex
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM11A-W3-865 データシート(HTML) 4 Page - OSRAM GmbH

  LM11A-W3-865 Datasheet HTML 1Page - OSRAM GmbH LM11A-W3-865 Datasheet HTML 2Page - OSRAM GmbH LM11A-W3-865 Datasheet HTML 3Page - OSRAM GmbH LM11A-W3-865 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Assembly Information
Connection with soldering wires on unmounted module: Do not pretin the solderpads but pretin the wires and solder for max. 4 s at
300 °C. Allow solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
Soldering of wires with the module mounted on a heatsink: Pretin solderpads and wires and solder for max 3 s at 350 °C. Allow
solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
The smallest unit (56 mm- 4 LEDs) can be removed by cutting with scissors between the designated solder pads.
The mounting of the module is facilitated by means of the double-sided adhesive on the back-surface of the module. Care must be
taken to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate
must have sufficient structural integrity. Take care to completely remove the adhesive backing. Once the module is appropriately
positioned, press on the module with about 20N/cm² (refer to application techniques of 3M adhesive transfer tapes). Make sure the
module has got a holohedral contact to the mounting surface.
The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of the circuit board
containing no electronic components and such bends should be made once and fixed in position to avoid cyclic fatigue.
The thermal length expansion coefficient of the modul is 17*10^-6cm/cm/K. When installing in environments with large variations in
temperature (e.g. outdoor applications) and operating length of more than 2 m, the use of metallic mounting surfaces is necessary.
Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion coefficients.
Productgroup
Productname
EAN *
S-Unit *
Ordering Guide
LINEARlight Flex
LM11A-W3-865
4008321187208
8
LINEARlight Flex
LM11A-W1-865**
4050300873879
8
LINEARlight Flex
LM11A-W3-854
4008321187185
8
LINEARlight Flex
LM11A-W1-854**
4050300817217
8
LINEARlight Flex
LM11A-W3-847
4008321187161
8
LINEARlight Flex
LM11A-W1-847**
4050300817194
8
LINEARlight Flex
LM11A-A
4008321086952
8
LINEARlight Flex
LM11A-Y1
4050300946016
8
LINEARlight Flex
LM11A-T
4008321086990
8
LINEARlight Flex
LM11A-B
4008321086976
8
EAN: Ordering number per single module
S-Unit: Modules per shipping unit
*)
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
New creativity in lighting design
LED Modules for illuminated signs
138 W002 GB
The new dimension of light
153 S006 GB
OPTOTRONIC® Technical Guide
130 T008 GB
OPTOTRONIC® Data Sheets
http://catalog.myosram.com
OSRAM LED systems
www.osram.com/led-systems
Datasheet CONNECTsystem LM-xx Flex
www.osram.com/led-systems-downloads
Sales and Technical Support
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete
address and phone numbers.
OSRAM GmbH
Hellabrunner Strasse 1
D - 81536 München
Germany
www.osram.com
+49 (0)89 6213-0
Page 4 of 4
LM11A - 25.03.2008


同様の部品番号 - LM11A-W3-865

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM110 NSC-LM110 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM110 INTERSIL-LM110 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Rochester Electronics
LM110 ROCHESTER-LM110 Datasheet
813Kb / 1P
   VERSATILE VOLTAGE FOLLOWER from the LM110 series of Op Amps
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
logo
SEMTECH ELECTRONICS LTD...
LM1100 SEMTECH_ELEC-LM1100 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - LM11A-W3-865

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
   LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com