データシートサーチシステム |
|
LD29300P2T33R データシート(PDF) 9 Page - Sames |
|
LD29300P2T33R データシート(HTML) 9 Page - Sames |
9 / 26 page LD29150 Electrical characteristics 9/26 Note: 1 Guaranteed by design. 2 Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VO+1V applied to VI. 3 Only for version with Inhibit function. Table 5. Electrical characteristics of LD29300#25 (IO = 10mA, TJ = 25°C, VI = 4.5V, VINH = 2V (Note 3), CI = 330nF, CO = 10µF, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 10mA to 3A, VI = 3.5 to 8V TJ = -40 to 125°C 2.475 2.5 2.525 V 2.45 2.55 ΔVO Load regulation IO = 10mA to 3A 0.2 1.0 % ΔVO Line regulation VI = 3 to 13V 0.06 0.5 % SVR Supply voltage rejection f = 120 Hz, VI = 4.5 ±1V, IO = 1.5A (Note: 1) 55 70 dB VDROP Dropout voltage IO = 500mA, TJ = -40 to 125°C (Note 2)0.1 V IO = 1.5A, TJ = -40 to 125°C (Note 2)0.2 IO = 3A, TJ = -40 to 125°C (Note 2)0.4 0.7 Iq Quiescent current IO = 1.5A, TJ = -40 to 125°C 20 50 mA IO = 3A, TJ = -40 to 125°C 45 100 VI = 13V, VINH = GND, TJ = -40 to 125°C 130 180 µA Isc Short circuit current VI - VO = 5.5V 4.5 A VIL Control input logic low OFF MODE, (Note 3), TJ = -40 to 125°C 0.8 V VIH Control input logic high ON MODE, (Note 3), TJ = -40 to 125°C 2 V IINH Control input current TJ = -40 to 125°C, VINH = 13V 5 10 µA eN Output noise voltage BP = 10Hz to 100KHz, IO = 100mA 100 µVRMS |
同様の部品番号 - LD29300P2T33R |
|
同様の説明 - LD29300P2T33R |