データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD29300P2MR データシート(PDF) 5 Page - Sames

部品番号 LD29300P2MR
部品情報  3A, Very low drop voltage regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMES [Sames]
ホームページ  http://www.sames.co.za
Logo SAMES - Sames

LD29300P2MR データシート(HTML) 5 Page - Sames

  LD29300P2MR Datasheet HTML 1Page - Sames LD29300P2MR Datasheet HTML 2Page - Sames LD29300P2MR Datasheet HTML 3Page - Sames LD29300P2MR Datasheet HTML 4Page - Sames LD29300P2MR Datasheet HTML 5Page - Sames LD29300P2MR Datasheet HTML 6Page - Sames LD29300P2MR Datasheet HTML 7Page - Sames LD29300P2MR Datasheet HTML 8Page - Sames LD29300P2MR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LD29150
Typical application
5/26
3
Typical application
* Only for version with inhibit function.
Figure 4.
Application circuit
VO = VREF (1 + R1/R2)


同様の部品番号 - LD29300P2MR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD29300P2M STMICROELECTRONICS-LD29300P2M Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
LD29300P2M15 STMICROELECTRONICS-LD29300P2M15 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
LD29300P2M18 STMICROELECTRONICS-LD29300P2M18 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
LD29300P2M18R STMICROELECTRONICS-LD29300P2M18R Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
LD29300P2M25 STMICROELECTRONICS-LD29300P2M25 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
More results

同様の説明 - LD29300P2MR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com