データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74TVC16222A データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74TVC16222A
部品情報  22-BIT VOLTAGE CLAMP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222A データシート(HTML) 8 Page - Texas Instruments

Back Button SN74TVC16222A Datasheet HTML 4Page - Texas Instruments SN74TVC16222A Datasheet HTML 5Page - Texas Instruments SN74TVC16222A Datasheet HTML 6Page - Texas Instruments SN74TVC16222A Datasheet HTML 7Page - Texas Instruments SN74TVC16222A Datasheet HTML 8Page - Texas Instruments SN74TVC16222A Datasheet HTML 9Page - Texas Instruments SN74TVC16222A Datasheet HTML 10Page - Texas Instruments SN74TVC16222A Datasheet HTML 11Page - Texas Instruments SN74TVC16222A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VSPASS − Low Reference Voltage − V
Weak
Nominal
Strong
VREF = 1 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
Weak
Nominal
Strong
VSPASS − Low Reference Voltage − V
VSPASS − Low Reference Voltage − V
VREF = 1.5 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
VREF = 2 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
−2
−4
−6
−8
−10
−12
−14
−16
−18
−20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
−2
−4
−6
−8
−10
−12
−14
−16
−18
−20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
−2
−4
−6
−8
−10
−12
−14
−16
−18
−20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Figure 5. V-I Electrical Characteristics at Low VREF Voltages


同様の部品番号 - SN74TVC16222A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGG TI-SN74TVC16222ADGG Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGGR TI-SN74TVC16222ADGGR Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGGR TI-SN74TVC16222ADGGR Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

同様の説明 - SN74TVC16222A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com