データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74TVC16222DLR データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74TVC16222DLR
部品情報  22-BIT VOLTAGE CLAMP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222DLR データシート(HTML) 1 Page - Texas Instruments

  SN74TVC16222DLR Datasheet HTML 1Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 2Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 3Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 4Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 5Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 6Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 7Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 8Page - Texas Instruments SN74TVC16222DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Designed to Be Used in Voltage-Limiting
Applications
D 6.5-Ω On-State Connection Between Ports
A and B
D Flow-Through Pinout for Ease of Printed
Circuit Board Trace Routing
D Direct Interface With GTL+ Levels
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The SN74TVC16222A provides 23 parallel
NMOS pass transistors with a common gate. The
low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
The device can be used as a 22-bit switch, with the
gates cascaded together to a reference transistor.
The low-voltage side of each pass transistor is
limited to a voltage set by the reference transistor.
This is done to protect components with inputs
that are sensitive to high-state voltage-level
overshoots. (See Application Information in this
data sheet.)
All of the transistors in the TVC array have the same electrical characteristics; therefore, any one of them can
be used as the reference transistor. Because, within the device, the characteristics from transistor to transistor
are equal, the maximum output high-state voltage (VOH) is approximately the reference voltage (VREF), with
minimal deviation from one output to another. This is a benefit of the TVC solution over discrete devices.
Because the fabrication of the transistors is symmetrical, either port connection of each bit can be used as the
low-voltage side, and the I/O signals are bidirectional through each FET.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube
SN74TVC16222DL
TVC16222A
−40
°C to 85°C
SSOP − DL
Tape and reel
SN74TVC16222DLR
TVC16222A
−40
°C to 85°C
TSSOP − DGG
Tape and reel
SN74TVC16222DGGR
TVC16222A
TVSOP − DGV
Tape and reel
SN74TVC16222DGVR
TW222A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus and TI are trademarks of Texas Instruments.
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
GATE
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - SN74TVC16222DLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC16222DLR TI-SN74TVC16222DLR Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DLR TI-SN74TVC16222DLR Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DLR TI1-SN74TVC16222DLR Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

同様の説明 - SN74TVC16222DLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com