データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC245PW データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AHC245PW
部品情報  Octal bus transceiver 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC245PW データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC245PW Datasheet HTML 4Page - NXP Semiconductors 74AHC245PW Datasheet HTML 5Page - NXP Semiconductors 74AHC245PW Datasheet HTML 6Page - NXP Semiconductors 74AHC245PW Datasheet HTML 7Page - NXP Semiconductors 74AHC245PW Datasheet HTML 8Page - NXP Semiconductors 74AHC245PW Datasheet HTML 9Page - NXP Semiconductors 74AHC245PW Datasheet HTML 10Page - NXP Semiconductors 74AHC245PW Datasheet HTML 11Page - NXP Semiconductors 74AHC245PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AHC_AHCT245_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 25 September 2007
8 of 16
NXP Semiconductors
74AHC245; 74AHCT245
Octal bus transceiver; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
11. Waveforms
For type 74AHCT245
tpd
propagation
delay
nAn to nYn; see Figure 5
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
7.7
1.0
8.5
1.0
10.0
ns
CL = 50 pF
-
4.5
8.7
1.0
9.5
1.0
11.0
ns
ten
enable time
nOE to nYn; see Figure 6
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.0
13.8
1.0
15.0
1.0
17.5
ns
CL = 50 pF
-
6.0
14.8
1.0
16.0
1.0
18.5
ns
tdis
disable time
nOE to nYn; see Figure 6
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.0
14.4
1.0
15.5
1.0
18.0
ns
CL = 50 pF
-
6.0
15.4
1.0
16.5
1.0
19.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[3]
-15
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V. For test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (An, Bn) to output (Bn, An)
mna176
An, Bn input
Bn, An output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL


同様の部品番号 - 74AHC245PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC245PW PHILIPS-74AHC245PW Datasheet
88Kb / 20P
   Octal bus transceiver; 3-state
1999 Sep 28
logo
Nexperia B.V. All right...
74AHC245PW NEXPERIA-74AHC245PW Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHC245PW-Q100 NEXPERIA-74AHC245PW-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
logo
NXP Semiconductors
74AHC245PWDH PHILIPS-74AHC245PWDH Datasheet
88Kb / 20P
   Octal bus transceiver; 3-state
1999 Sep 28
More results

同様の説明 - 74AHC245PW

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com