データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBT16210C データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBT16210C
部品情報  20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16210C データシート(HTML) 4 Page - Texas Instruments

  SN74CBT16210C Datasheet HTML 1Page - Texas Instruments SN74CBT16210C Datasheet HTML 2Page - Texas Instruments SN74CBT16210C Datasheet HTML 3Page - Texas Instruments SN74CBT16210C Datasheet HTML 4Page - Texas Instruments SN74CBT16210C Datasheet HTML 5Page - Texas Instruments SN74CBT16210C Datasheet HTML 6Page - Texas Instruments SN74CBT16210C Datasheet HTML 7Page - Texas Instruments SN74CBT16210C Datasheet HTML 8Page - Texas Instruments SN74CBT16210C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74CBT16210C
20BIT FET BUS SWITCH
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS115C − JANUARY 2003 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Control inputs
VCC = 4.5 V,
IIN = −18 mA
−1.8
V
VIKU
Data inputs
VCC = 5 V,
0 mA
> II ≥ −50 mA,
VIN = VCC or GND,
Switch OFF
−2
V
IIN
Control inputs
VCC = 5.5 V,
VIN = VCC or GND
±1
µA
IOZ‡
VCC = 5.5 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF,
VIN = VCC or GND
±10
µA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
10
µA
ICC
VCC = 5.5 V,
II/O = 0,
VIN = VCC or GND,
Switch ON or OFF
3
µA
∆ICC§
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Cin
Control inputs
VIN = 3 V or 0
4.5
pF
Cio(OFF)
VI/O = 3 V or 0,
Switch OFF,
VIN = VCC or GND
5.5
pF
Cio(ON)
VI/O = 3 V or 0,
Switch ON,
VIN = VCC or GND
14.5
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
IO = −15 mA
8
12
ron¶
VI = 0
IO = 64 mA
3
6
ron¶
VCC = 4.5 V
VI = 0
IO = 30 mA
3
6
VCC = 4.5 V
VI = 2.4 V,
IO = −15 mA
5
10
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd#
A or B
B or A
0.24
0.15
ns
ten
OE
A or B
6.5
1.5
6
ns
tdis
OE
A or B
6.5
1.5
6
ns
# The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).


同様の部品番号 - SN74CBT16210C

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDGG TI-SN74CBT16210CDGG Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDGGR TI-SN74CBT16210CDGGR Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDGVR TI-SN74CBT16210CDGVR Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210CDL TI-SN74CBT16210CDL Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results

同様の説明 - SN74CBT16210C

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_07 Datasheet
339Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3345C TI-SN74CBT3345C Datasheet
618Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16245C TI1-SN74CBT16245C Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com