データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085R-X.X データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LM1085R-X.X
部品情報  3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM1085R-X.X データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LM1085R-X.X Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1085R-X.X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085
ABSOULTE MAXIMUM RATINS
CHARACTERISTIC
Supply Voltage
Operating Junction Temperature Range
Storage Temperature Range
Thermal Resistance Junction to Case TO-263
Thermal Resistance Junction to Ambient TO-263
Lead Temperature (Soldering) 10 sec.
Maximum Output Current
ELECTRICAL CHARACTERISTICS I OUT=100㎃, TA=25℃, unless otherwise specified
Min. Load Current(Note 3)
Line Regulation (ΔVREF(VIN))
Load Regulation (ΔVREF(VOUT))
Dropout Voltage
Current Limit
IOUT(MAX)
Thermal Regulation
(ΔVOUT(Pwr))
Output Noise, RMS
Mar. 2006 - Rev 06
HTC
SYMBOL
Tstg
-65~150
UNIT
V
VALUE
C/W
C/W
A
A
0.3
1
3.2
4.0
0.02
60
MIN
TYP
MAX
1.485
1.5
1.515
2.475
3
Thermal Resistance
Junction to Tab
Junction to Ambient
TA=125℃, 1000Hrs
10Hz to 10Khz TA=25℃
0.05
0.01
Long Term Stability
TA=25℃, 30㎳ pulse
Vin-Vout=3V
1.4V≤(VIN-VOUT) Adjustable Only
1.25
1.263
1.225
1.25
1.27
1.238
0.003
3.3V Version
1.5V Version
0<IOUT<3A, 4.75V<VIN<10V
2.5
2.525
3.267
3.3
3.333
V
2.878
Tjc
3
Vin
7
Topr
0~125
Tja
60
Tsol
300
Imax
3
3.0V Version
Output Voltage
0<IOUT<3A, 4.5V<VIN<10V
2.97
3
3.03
2.5V Version
V
%/Vo
℃/W
%/W
%
%
V
0.3
1.2
V
mA
%
510
0.005
1.5V≤(VIN-VOUT)≤5.75V, 10㎃≤IOUT≤3A
4.95
5
1.1
1.5V≤(VIN-VOUT)≤5.75V
2.75V≤VIN≤7V, IOUT=10㎃, TJ=25℃
10㎃≤IOUT≤3A,(VIN-VOUT)=3V,TJ=25℃
ΔVREF=1% , Iout=3A
V
V
5.0V Version
0.2
Reference Voltage (VREF)
V
Output Voltage
All Voltage Options
0≤IOUT≤3A, 5.5V≤VIN<10V
VIN≤7V,P≤PMAX
0<IOUT<3A, 3.5V<VIN<10V
2.85V Version
Output Voltage
0<IOUT<3A, 4.35V<VIN<10V
2.821
2.85
85
V
UNIT
0<IOUT<3A, 2.75V<VIN<10V
PARAMETER
Output Voltage
TEST CONDITIONS
Output Voltage
Output Voltage
5.05


同様の部品番号 - LM1085R-X.X

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM1085R HTC-LM1085R Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085RS HTC-LM1085RS Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results

同様の説明 - LM1085R-X.X

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com