データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A22364DRCR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A22364DRCR
部品情報  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364DRCR データシート(HTML) 11 Page - Texas Instruments

Back Button TS5A22364DRCR Datasheet HTML 7Page - Texas Instruments TS5A22364DRCR Datasheet HTML 8Page - Texas Instruments TS5A22364DRCR Datasheet HTML 9Page - Texas Instruments TS5A22364DRCR Datasheet HTML 10Page - Texas Instruments TS5A22364DRCR Datasheet HTML 11Page - Texas Instruments TS5A22364DRCR Datasheet HTML 12Page - Texas Instruments TS5A22364DRCR Datasheet HTML 13Page - Texas Instruments TS5A22364DRCR Datasheet HTML 14Page - Texas Instruments TS5A22364DRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
TYPICAL PERFORMANCE
VCOM (V)
–3
–2
–1
0
1
2
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TA = 25°C
TA = -40°C
TA = 85°C
VCOM (V)
0
0.2
0.4
0.6
0.8
1
1.2
–4.0
–2.0
0.0
2.0
4.0
6.0
V =2.3V
+
V
+ =4.5V
V
+ =3V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
–3
–2
–1
0
1
3
2
4
VCOM (V)
TA = 85°C
TA = 25°C
TA = -40 °C
0.00
0.10
0.15
0.05
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–1
0
1
2
3
5
4
VCOM (V)
TA = 85°C
TA = 25°C
TA = -40 °C
-40
25
85
Temperature (°C)
–10
30
50
70
90
110
130
150
NO/NC (on)
COM (on)
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
1
1000
Frequency (MHz)
TS5A22362,, TS5A22364
0.65-
Ω DUAL SPDT ANALOG SWITCHES
WITH NEGATIVE SIGNALING CAPABILITY
SCDS261 – MARCH 2008
Figure 3. ron vs VCOM
Figure 4. ron vs VCOM (V+ = 2.7 V)
Figure 5. ron vs VCOM (V+ = 3.3 V)
Figure 6. ron vs VCOM (V+ = 5 V)
Figure 7. Leakage Current vs Temperature
Figure 8. Insertion Loss
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A22362 TS5A22364


同様の部品番号 - TS5A22364DRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22364DRCR TI-TS5A22364DRCR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI-TS5A22364DRCR Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI1-TS5A22364DRCR Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI1-TS5A22364DRCR Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

同様の説明 - TS5A22364DRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com