データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM13121Z-15 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM13121Z-15
部品情報  3-Terminal Negative Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM13121Z-15 データシート(HTML) 3 Page - National Semiconductor (TI)

  LM13121Z-15 Datasheet HTML 1Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 2Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 3Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 4Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 5Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 6Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 7Page - National Semiconductor (TI) LM13121Z-15 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
V
O = −5V, −12V, −15V
−35V
Internal Power Dissipation (Note 2)
Internally Limited
Operating Temperature Range
0˚C to +70˚C
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−55˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Electrical Characteristics (Note 3)
T
A = 0˚C to +70˚C unless otherwise noted.
Output Voltage
−5V
−12V
−15V
Input Voltage (unless otherwise noted)
−10V
−17V
−20V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
V
O
Output
Voltage
T
J = 25˚C, IO = 100mA
−5.2
−5
−4.8
−12.5
−12
−11.5
−15.6
−15
−14.4
1mA
≤ I
O
≤ 100mA
−5.25
−4.75
−12.6
−11.4
−15.75
−14.25
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.5)
(−27
≤ V
IN
≤ −14.8)
(−30
≤ V
IN
≤ −18)
V
1mA
≤ I
O
≤ 40mA
−5.25
−4.75
−12.6
−11.4
−15.75
−14.25
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7)
(−27
≤ V
IN
≤ −14.5)
(−30
≤ V
IN
≤ −17.5)
∆V
O
Line
Regulation
T
J = 25˚C, IO = 100mA
60
45
45
mV
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.3)
(−27
≤ V
IN
≤ −14.6)
(−30
≤ V
IN
≤ −17.7)
V
T
J = 25˚C, IO = 40mA
60
45
45
mV
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7)
(−27
≤ V
IN
≤ −14.5)
(−30
≤ V
IN
≤ −17.5)
V
∆V
O
Load
Regulation
T
J = 25˚C
50
100
125
mV
1mA
≤ I
O
≤ 100mA
∆V
O
Long Term
Stability
I
O = 100mA
20
48
60
mV/khrs
I
Q
Quiescent
Current
I
O = 100mA
2
6
2
6
2
6
mA
∆I
Q
Quiescent
Current
1mA
≤ I
O
≤ 100mA
0.3
0.3
0.3
Change
1mA
≤ I
O
≤ 40mA
0.1
0.1
0.1
mA
I
O = 100mA
0.25
0.25
0.25
mA
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.5)
(−27
≤ V
IN
≤ −14.8)
(−30
≤ V
IN
≤ −18)
V
V
n
Output Noise
Voltage
T
J = 25˚C, IO = 100mA
40
96
120
µV
f = 10Hz − 10kHz
Ripple
Rejection
T
J = 25˚C, IO = 100mA
50
52
50
dB
f = 120Hz
Input Voltage T
J = 25˚C, IO = 100mA
−7.3
−14.6
−17.7
V
Required to
I
O = 40mA
−7.0
−14.5
−17.5
V
Maintain Line
Regulation
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Thermal resistance of Z package is 60˚C/W
θJC, 232˚C/W θJA at still air, and 88˚C/W at 400 ft/min of air. The M package θJA is 180˚C/W in still air. The
maximum junction temperature shall not exceed 125˚C on electrical parameters.
Note 3: To ensure constant junction temperature, low duty cycle pulse testing is used.
www.national.com
3


同様の部品番号 - LM13121Z-15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM13121Z-15 NSC-LM13121Z-15 Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
More results

同様の説明 - LM13121Z-15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com