データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3940IMP-3.3 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM3940IMP-3.3
部品情報  1A Low Dropout Regulator for 5V to 3.3V Conversion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3940IMP-3.3 データシート(HTML) 3 Page - National Semiconductor (TI)

  LM3940IMP-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature Range −40˚C to +125˚C
Lead Temperature (Soldering, 5 seconds)
260˚C
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage
7.5V
ESD Rating (Note 3)
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 5V, IL = 1A, COUT = 33 µF.
Symbol
Parameter
Conditions
Typical
LM3940 (Note 4)
Units
min
max
V
O
Output Voltage
5 mA
≤ I
L
≤ 1A
3.3
3.20
3.40
V
3.13
3.47
Line Regulation
I
L =5 mA
20
40
mV
4.5V
≤ V
O
≤ 5.5V
Load Regulation
50 mA
≤ I
L
≤ 1A
35
50
80
Z
O
Output Impedance
I
L (DC) = 100 mA
I
L (AC) = 20 mA (rms)
35
m
f = 120 Hz
I
Q
Quiescent Current
4.5V
≤ V
IN
≤ 5.5V
10
15
mA
I
L =5 mA
20
V
IN = 5V
110
200
I
L =1A
250
e
n
Output Noise Voltage
BW = 10 Hz–100 kHz
150
µV (rms)
I
L =5 mA
V
O −VIN
Dropout Voltage
I
L = 1A
0.5
0.8
V
(Note 5)
1.0
I
L = 100 mA
110
150
mV
200
I
L(SC)
Short Circuit Current
R
L = 0
1.7
1.2
A
Thermal Performance
Thermal Resistance
Junction-to-Case
3-Lead TO-220
4
˚C/W
3-Lead TO-263
4
˚C/W
Thermal Resistance
Junction-to-Ambient
3-Lead TO-220
60
˚C/W
3-Lead TO-263
80
˚C/W
8-Lead LLP (Note 2)
35
˚C/W
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal resistance, θJA, and the
ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
The value of
θJA (for devices in still air with no heatsink) is 60˚C/W for the TO-220 package, 80˚C/W for the TO-263 package, and 174˚C/W for the SOT-223 package.
The effective value of
θJA can be reduced by using a heatsink (see Application Hints for specific information on heatsinking). The value of θJA for the LLP package
is specifically dependant on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for
the LLP package, refer to Application Note AN-1187. It is recommended that 6 vias be placed under the center pad to improve thermal performance.
Note 3: ESD rating is based on the human body model: 100 pF discharged through 1.5 k
Ω.
Note 4: All limits guaranteed for TJ = 25˚C are 100% tested and are used to calculate Outgoing Quality Levels. All limits at temperature extremes are guaranteed
via correlation using standard Statistical Quality Control (SQC) methods.
Note 5: Dropout voltage is defined as the input-output differential voltage where the regulator output drops to a value that is 100 mV below the value that is
measured at VIN =5V.
www.national.com
3


同様の部品番号 - LM3940IMP-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3940IMP-3.3 NSC-LM3940IMP-3.3 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940IMP-3.3 TI1-LM3940IMP-3.3 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IMP-3.3/NOPB TI1-LM3940IMP-3.3/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

同様の説明 - LM3940IMP-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com