データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV110M7X データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV110M7X
部品情報  Fixed-Gain Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV110M7X データシート(HTML) 1 Page - National Semiconductor (TI)

  LMV110M7X Datasheet HTML 1Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 2Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 3Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 4Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 5Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 6Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 7Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 8Page - National Semiconductor (TI) LMV110M7X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMV101/102/105/110
Fixed-Gain Amplifiers
General Description
The LMV101/102/105/110 fixed-gain amplifier family inte-
grates a rail-to-rail op amp, two internal gain-setting resistors
andaV
+/2 bias circuit into one ultra tiny package, SC70-5 or
SOT23-5. Fixed inverting gains of −1, −2, −5, and −10 are
available.
The core op amp in this series is an LMV321, which provides
rail-to-rail output swing, excellent speed-power ratio, 1MHz
bandwidth, and 1V/µs of slew rate with low supply current.
The LMV101/102/105/110 family reduces external compo-
nent count. It is the most cost effective solution for applica-
tions where low voltage operation, low power consumption,
space savings, and reliable performance are needed. It en-
ables the design of small portable electronic devices, and al-
lows the designer to place the device closer to the signal
source to reduce noise pickup and increase signal integrity.
Features
(For 5V Supply, Typical Unless Otherwise Noted)
n
Fixed inverting gain available
−1,−2,−5,−10
n
DC gain accuracy @2.7V supply
— LMV101/102/105
2% (typ)
— LMV110
6% (typ)
n
Space saving packages
SC70-5 & SOT23-5
n
Industrial temperature range
−40˚C to +85˚C
n
Low supply current
130µA
n
Rail-to-Rail output swing
n
Guaranteed 2.7V and 5V performance
Applications
n
General purpose portable devices
n
Mobile communications
n
Battery powered electronics
n
Active filters
n
Microphone preamplifiers
Typical Application
Phase Inverting AC Amplifier
DS101234-10
V
OUT = 0.5VCC −VIN (R2/R1)
August 2000
© 2000 National Semiconductor Corporation
DS101234
www.national.com


同様の部品番号 - LMV110M7X

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV110M7X NSC-LMV110M7X Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results

同様の説明 - LMV110M7X

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com