データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LBZX84XXXXLT1G データシート(PDF) 4 Page - Leshan Radio Company

部品番号 LBZX84XXXXLT1G
部品情報  Zener Voltage Regulator Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84XXXXLT1G データシート(HTML) 4 Page - Leshan Radio Company

  LBZX84XXXXLT1G Datasheet HTML 1Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 2Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 3Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 4Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 5Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 6Page - Leshan Radio Company LBZX84XXXXLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISICS
GENERAL DATA — 225mW SOT–23
1000
100
10
1
1
10
100
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
1020
30
40
5060
70
80
90
100
10
1
0.1
0
02
4
68
10
12
10
30
50
70
90
100
10
1
0.1
0.01
BIAS AT
50% OF V Z NOM
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
V Z , ZENER VOLTAGE (V)
Figure 7. Zener Voltage versus Zener Current
(V Z Up to 12 V)
V Z , ZENER VOLTAGE (V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
T
A = 25°C
0 V BIAS
1 V BIAS
T A = 25°C
T A = 25°C
+150°C
+25°C
–55°C
LESHAN RADIO COMPANY, LTD.
4/5


同様の部品番号 - LBZX84XXXXLT1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LBZX84B10LT1G LRC-LBZX84B10LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B10LT1G LRC-LBZX84B10LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B11LT1G LRC-LBZX84B11LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B11LT1G LRC-LBZX84B11LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
LBZX84B12LT1G LRC-LBZX84B12LT1G Datasheet
335Kb / 7P
   Zener Voltage Regulators
More results

同様の説明 - LBZX84XXXXLT1G

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84CXXXLT1G LRC-LBZX84CXXXLT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com