データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4559ADY データシート(PDF) 11 Page - Vishay Siliconix

部品番号 SI4559ADY
部品情報  N- and P-Channel 60-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4559ADY データシート(HTML) 11 Page - Vishay Siliconix

Back Button SI4559ADY Datasheet HTML 4Page - Vishay Siliconix SI4559ADY Datasheet HTML 5Page - Vishay Siliconix SI4559ADY Datasheet HTML 6Page - Vishay Siliconix SI4559ADY Datasheet HTML 7Page - Vishay Siliconix SI4559ADY Datasheet HTML 8Page - Vishay Siliconix SI4559ADY Datasheet HTML 9Page - Vishay Siliconix SI4559ADY Datasheet HTML 10Page - Vishay Siliconix SI4559ADY Datasheet HTML 11Page - Vishay Siliconix SI4559ADY Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Si4559ADY
Vishay Siliconix
New Product
Document Number: 73624
S–52667—Rev. A, 02-Jan-06
www.vishay.com
11
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
PCHANNEL
10–3
10–2
110
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 _C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?73624.


同様の部品番号 - SI4559ADY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
Vishay Telefunken
SI4559ADY TFUNK-SI4559ADY Datasheet
276Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4559ADY DOINGTER-SI4559ADY Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET useadvanced trench Technology
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
Si4559ADY-T1-E3 VISHAY-Si4559ADY-T1-E3 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
More results

同様の説明 - SI4559ADY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com