データシートサーチシステム |
|
CD74HC368MTG4 データシート(PDF) 1 Page - Texas Instruments |
|
CD74HC368MTG4 データシート(HTML) 1 Page - Texas Instruments |
1 / 17 page 1 Data sheet acquired from Harris Semiconductor SCHS181D Features • Buffered Inputs • High Current Bus Driver Outputs • Two Independent Three-State Enable Controls • Typical Propagation Delay tPLH,tPHL = 8ns at VCC =5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC367, ’HCT367, ’HC368, and CD74HCT368 silicon gate CMOS three-state buffers are general purpose high-speed non-inverting and inverting buffers. They have high drive cur- rent outputs which enable high speed operation even when driving large bus capacitances. These circuits possess the low power dissipation of CMOS circuitry, yet have speeds compara- ble to low power Schottky TTL circuits. Both circuits are capable of driving up to 15 low power Schottky inputs. The ’HC367 and ’HCT367 are non-inverting buffers, whereas the ’HC368 and CD74HCT368 are inverting buffers. These devices have two output enables, one enable (OE1) controls 4 gates and the other (OE2) controls the remaining 2 gates. The ’HCT367 and CD74HCT368 logic families are speed, func- tion and pin compatible with the standard LS logic family. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC367F3A -55 to 125 16 Ld CERDIP CD54HC368F3A -55 to 125 16 Ld CERDIP CD54HCT367F3A -55 to 125 16 Ld CERDIP CD74HC367E -55 to 125 16 Ld PDIP CD74HC367M -55 to 125 16 Ld SOIC CD74HC367MT -55 to 125 16 Ld SOIC CD74HC367M96 -55 to 125 16 Ld SOIC CD74HC368E -55 to 125 16 Ld PDIP CD74HC368M -55 to 125 16 Ld SOIC CD74HC368MT -55 to 125 16 Ld SOIC CD74HC368M96 -55 to 125 16 Ld SOIC CD74HCT367E -55 to 125 16 Ld PDIP CD74HCT367M -55 to 125 16 Ld SOIC CD74HCT367MT -55 to 125 16 Ld SOIC CD74HCT367M96 -55 to 125 16 Ld SOIC CD74HCT368E -55 to 125 16 Ld PDIP CD74HCT368M -55 to 125 16 Ld SOIC CD74HCT368MT -55 to 125 16 Ld SOIC CD74HCT368M96 -55 to 125 16 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. November 1997 - Revised October 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54/74HC367, CD54/74HCT367, CD54/74HC368, CD74HCT368 High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting [ /Title (CD74 HC367 , CD74 HCT36 7, CD74 HC368 , CD74 HCT36 8) /Sub- ject (High Speed |
同様の部品番号 - CD74HC368MTG4 |
|
同様の説明 - CD74HC368MTG4 |