データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2422TE データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2422TE
部品情報  220V Monolithic Triple Channel 30 MHz CRT DTV Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2422TE データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2422TE Datasheet HTML 5Page - National Semiconductor (TI) LM2422TE Datasheet HTML 6Page - National Semiconductor (TI) LM2422TE Datasheet HTML 7Page - National Semiconductor (TI) LM2422TE Datasheet HTML 8Page - National Semiconductor (TI) LM2422TE Datasheet HTML 9Page - National Semiconductor (TI) LM2422TE Datasheet HTML 10Page - National Semiconductor (TI) LM2422TE Datasheet HTML 11Page - National Semiconductor (TI) LM2422TE Datasheet HTML 12Page - National Semiconductor (TI) LM2422TE Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Hints (Continued)
same area of the ground trace as D2. The diode placement
and routing is very important for minimizing the voltage
stress on the LM2422 during an arc over event.
This demonstration board uses large PCB holes to accom-
modate socket pins, which function to allow for multiple
insertions of the LM2422 in a convenient manner. To benefit
from the enhanced LM2422 package with thin leads, the
device should be secured in small PCB holes to optimize the
metal-to-metal spacing between the leads.
CURRENT OUTPUT FOR IK FEEDBACK SYSTEMS
The LM2422 can be used in DTV applications that use an IK
feedback system. Figure 14 shows an example of an inter-
face circuit used to feed back the IK output of LM2422 to a
preamplifier with an ac coupled IK input.
This feedback system consists of the preamp, LM2422, and
interface circuit, forming a closed loop to automatically ad-
just the black level of the drive signals to the cutoff point of
the RGB cathodes. Following is a description of the interface
circuit operation.
The output at pin 9 of the LM2422 is filtered of high fre-
quency noise by C14. D7 is used to limit the peak voltage at
pin 9. Without this clamp diode the voltage would easily
exceed 12V during active video, in which the cathode cur-
rents are much greater than the small currents being de-
tected during vertical blanking. Exceeding 12V could dam-
age Q1 and result in improper operation of the driver.
R35 is essential to convert the IK current to voltage. Choos-
ing the value of R35 sets the gain of the feedback voltage,
and consequently, the operating point of the tube. Once a
stable operating point is established, this point can be fine-
tuned using the adjustment range of the feedback system or
standard preamp controls. Changing the value of R35 will
change the cutoff voltage at the cathode. A smaller value of
R35 requires more IK current to maintain the feedback loop.
The cutoff voltage set at the cathode will be lower to adjust to
the higher IK current. This additional current must come from
the cathode; therefore, the cathode voltage is lower to meet
higher current requirement. A higher value of R35 will do the
opposite, raising the cathode voltage because less IK cur-
rent is needed to maintain the same voltage at R35.
The emitter follower, Q1, isolates R35 from the input imped-
ance of the preamp. R20 and R21 bias the emitter of Q1 to
limit the maximum voltage to the preamp. These resistor
values should be chosen to limit the maximum voltage at the
emitter and protect the preamp from any large voltages that
would otherwise occur during active video. C12 is used for
further filtering of the IK signal. C9 is used to AC couple the
IK signal to the preamp. The advantage of AC coupling is
that any DC component (leakage current from the driver) of
the IK signal is not detected by the IK sense input of the
preamp.
www.national.com
9


同様の部品番号 - LM2422TE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

同様の説明 - LM2422TE

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com