データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC260W01 データシート(PDF) 4 Page - LG Semicon Co.,Ltd.

部品番号 LC260W01
部品情報  26.0??WXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LG [LG Semicon Co.,Ltd.]
ホームページ  
Logo LG - LG Semicon Co.,Ltd.

LC260W01 データシート(HTML) 4 Page - LG Semicon Co.,Ltd.

  LC260W01 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC260W01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Product Specification
4/ 27
LC260W01
Liquid Crystal Display
Ver. 0.0
Dec. 10, 2003
1. General Description
The LC260W01 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally black mode. This TFT-LCD has a 26.0 inch
diagonally measured active display area with WXGA resolution (768 vertical by 1280 horizontal pixel array).
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16.7M(true) colors with 8Bit.
The LC260W01 has been designed to apply the 8Bit LVDS interface.
It is intended to support LCD TV, PCTV where high brightness, wide viewing angle, high color saturation,
and high color are important.
General Features
View Angle Free (R/L 176(Typ.), U/D 176(Typ.))
Viewing Angle(CR>10)
16.7M colors
Color Depth
1280 horiz. By 768 vert. Pixels RGB strip arrangement
Pixel Format
450 cd/m2 (Center 1 points typ.)
Luminance, White
Total TBD Watt (Typ.) [LCM 4.14W / Inverter TBD W ]
Power Consumption
TBD g (Typ.)
Weight
Transmissive mode, Normally Black
Display Operating Mode
Hard coating(3H), Anti-glare treatment of the front polarizer,
Surface Treatment
0.1475mm x 0.4425mm x RGB
Pixel Pitch
622.0(H) x 389.0(V) x 53.0(D) mm(Typ.)
Outline Dimension
26.0 inches(660.40mm) diagonal
Active Screen Size
CN1
(20pin)
LVDS
5pair
+12.0V
Power Circuit
Block
Source Driver Circuit
TFT - LCD Panel
(1280
× RGB × 768 pixels)
G1
S1
S1280
G768
Back light Assembly
(Direct Light Type_14CCFL)
2pin x 7CNs
(High)
RGB
Timing Controller
(LVDS Rx integrated)
Inverter
Block
CN2
(14Pin)
+24V
GND


同様の部品番号 - LC260W01

メーカー部品番号データシート部品情報
logo
LG Semicon Co.,Ltd.
LC260WX2 LG-LC260WX2 Datasheet
1Mb / 28P
   26?쓂XGA TFT LCD
More results

同様の説明 - LC260W01

メーカー部品番号データシート部品情報
logo
LG Semicon Co.,Ltd.
LP154W01 LG-LP154W01 Datasheet
4Mb / 27P
   15.4 WXGA TFT LCD
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
   37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
   42.0 WXGA TFT LCD
LP141WX3 LG-LP141WX3 Datasheet
1Mb / 32P
   14.1??WXGA TFT LCD
logo
AU Optronics Corp.,
B141EW04V4 AUO-B141EW04V4 Datasheet
481Kb / 35P
   14.1 WXGA Color TFT-LCD
M190PW01-V0 AUO-M190PW01-V0 Datasheet
787Kb / 28P
   19 WXGA Color TFT-LCD
logo
List of Unclassifed Man...
T315XW01 ETC-T315XW01 Datasheet
519Kb / 22P
   WXGA Color TFT-LCD Module
logo
LG Semicon Co.,Ltd.
LC230WX3 LG-LC230WX3 Datasheet
462Kb / 28P
   Liquid Crystal Display (23.0Inch WXGA TFT LCD)
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W_17 Datasheet
284Kb / 2P
   15.6 WXGA TFT Widescreen Industrial LCD Monitor
P6187W-V2 AXIOMTEK-P6187W-V2_17 Datasheet
350Kb / 2P
   18.5 WXGA TFT Widescreen Industrial LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com