データシートサーチシステム |
|
SN74AHC595 データシート(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC595 データシート(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54AHC595, SN74AHC595 8BIT SHIFT REGISTERS WITH 3STATE OUTPUT REGISTERS SCLS373I − MAY 1997 − REVISED JUNE 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Range 2-V to 5.5-V VCC D 8-Bit Serial-In, Parallel-Out Shift D Shift Register Has Direct Clear D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) − 1000-V Charged-Device Model (C101) description/ordering information The ’AHC595 devices contain an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. The storage register has parallel 3-state outputs. Separate clocks are provided for both the shift and storage registers. The shift register has a direct overriding clear (SRCLR) input, serial (SER) input, and a serial output for cascading. When the output-enable (OE) input is high, all outputs, except QH′, are in the high-impedance state. Both the shift-register clock (SRCLK) and storage-register clock (RCLK) are positive-edge triggered. If both clocks are connected together, the shift register always is one clock pulse ahead of the storage register. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74AHC595N SN74AHC595N SOIC − D Tube SN74AHC595D AHC595 SOIC − D Tape and reel SN74AHC595DR AHC595 −40 °C to 85°C SOP − NS Tape and reel SN74AHC595NSR AHC595 −40 C to 85 C SSOP − DB Tape and reel SN74AHC595DBR HA595 TSSOP − PW Tube SN74AHC595PW HA595 TSSOP − PW Tape and reel SN74AHC595PWR HA595 CDIP − J Tube SNJ54AHC959J SNJ54AHC595J −55 °C to 125°C CFP − W Tube SNJ54AHC595W SNJ54AHC595W −55 C to 125 C LCCC − FK Tube SNJ54AHC595FK SNJ54AHC595FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2004, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54AHC595 ...J OR W PACKAGE SN74AHC595 . . . D, DB, N, NS, OR PW PACKAGE (TOP VIEW) SN54AHC595 . . . FK PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 QB QC QD QE QF QG QH GND VCC QA SER OE RCLK SRCLK SRCLR QH′ 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 SER OE NC RCLK SRCLK QD QE NC QF QG |
同様の部品番号 - SN74AHC595 |
|
同様の説明 - SN74AHC595 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |