データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALVTH16374DLRG4 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74ALVTH16374DLRG4
部品情報  2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVTH16374DLRG4 データシート(HTML) 1 Page - Texas Instruments

  SN74ALVTH16374DLRG4 Datasheet HTML 1Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 2Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 3Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 4Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 5Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 6Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 7Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 8Page - Texas Instruments SN74ALVTH16374DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
SN54ALVTH16374...WDPACKAGE
PACKAGE
(TOP VIEW)
SN74ALVTH16374...DGG,DGV,ORDL
1OE
1CLK
1Q1
1D1
1Q2
1D2
GND
GND
1Q3
1D3
1Q4
1D4
V
CC
V
CC
1Q5
1D5
1Q6
1D6
GND
GND
1Q7
1D7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
V
CC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1D8
2D1
2D2
GND
2D3
2D4
V
CC
2D5
2D6
GND
2D7
2D8
2CLK
48
1
47
2
46
3
45
4
44
5
43
6
42
7
41
8
40
9
39
10
38
11
37
36
35
34
33
32
31
30
29
28
27
26
25
12
13
14
15
16
17
18
19
20
21
22
23
24
DESCRIPTION/ORDERING INFORMATION
SN54ALVTH16374,, SN74ALVTH16374
2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES068G – JUNE 1996 – REVISED NOVEMBER 2006
• State-of-the-Art Advanced BiCMOS
Technology (ABT) Widebus™ Design for 2.5-V
and 3.3-V Operation and Low Static Power
Dissipation
• Support Mixed-Mode Signal Operation
(5-V Input and Output Voltages With 2.3-V to
3.6-V VCC)
• Typical V
OLP (Output Ground Bounce) <0.8 V
at VCC = 3.3 V, TA = 25°C
• High Drive (–24/24 mA at 2.5-V V
CC and –32/64
mA at 3.3-V )
• Power Off Disables Outputs, Permitting Live
Insertion
• High-Impedance State During Power Up and
Power Down Prevents Driver Conflict
• Uses Bus Hold on Data Inputs in Place of
External Pullup/Pulldown Resistors to Prevent
the Bus From Floating
• Auto3-State Eliminates Bus Current Loading
When Output Exceeds VCC + 0.5 V
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Protection
Exceeds 2000 V Per MIL-STD-883, Method
3015
Exceeds 200 V Using Machine Model
Exceeds 1000 V Using Charged-Device
Model, Robotic Method
• Flow-Through Architecture Facilitates Printed
Circuit Board Layout
• Distributed V
CC and GND Pin Configuration
Minimizes High-Speed Switching Noise
• Package Options Include Plastic Shrink
Small-Outline (DL), Thin Shrink Small-Outline
(DGG), Thin Very Small-Outline (DGV)
Packages, and 380-mil Fine-Pitch Ceramic Flat
(WD) Package
The 'ALVTH16374 devices are 16-bit edge-triggered D-type flip-flops with 3-state outputs designed for 2.5-V or
3.3-V VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. These
devices are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and
working registers.
These devices can be used as two 8-bit flip-flops or one 16-bit flip-flop. On the positive transition of the clock
(CLK), the flip-flops store the logic levels set up at the data (D) inputs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 1996–2006, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74ALVTH16374DLRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVTH16374DLR TI-SN74ALVTH16374DLR Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALVTH16374DLRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374_08 Datasheet
520Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH32374 TI-SN54ALVTH32374 Datasheet
179Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH32374ZKER TI-74ALVTH32374ZKER Datasheet
888Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI1-SN54LVTH162374_14 Datasheet
942Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374_07 Datasheet
599Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVTH162374 TI-SN54LVTH162374 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN54LVT574 TI-SN54LVT574 Datasheet
470Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com