データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC42DT データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC42DT
部品情報  4-LINE TO 10-LINE DECODERS (1of 10)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC42DT データシート(HTML) 1 Page - Texas Instruments

  SN74HC42DT Datasheet HTML 1Page - Texas Instruments SN74HC42DT Datasheet HTML 2Page - Texas Instruments SN74HC42DT Datasheet HTML 3Page - Texas Instruments SN74HC42DT Datasheet HTML 4Page - Texas Instruments SN74HC42DT Datasheet HTML 5Page - Texas Instruments SN74HC42DT Datasheet HTML 6Page - Texas Instruments SN74HC42DT Datasheet HTML 7Page - Texas Instruments SN74HC42DT Datasheet HTML 8Page - Texas Instruments SN74HC42DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC42, SN74HC42
4LINE TO 10LINE DECODERS (1 of 10)
SCLS091D − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Full Decoding of Input Logic
D All Outputs Are High for Invalid BCD
Conditions
D Also for Applications as 3-Line to 8-Line
Decoders
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
B
C
NC
D
9
2
3
NC
4
5
SN54HC42 ...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
0
1
2
3
4
5
6
GND
VCC
A
B
C
D
9
8
7
SN54HC42 ...J OR W PACKAGE
SN74HC42 . . . D, N, OR NS PACKAGE
(TOP VIEW)
description/ordering information
These decimal decoders consist of eight inverters and ten 4-input NAND gates. The inverters are connected
in pairs to make BCD input data available for decoding by the NAND gates. Full decoding of valid input logic
ensures that all inputs remain off for all invalid input conditions.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC42N
SN74HC42N
Tube of 40
SN74HC42D
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC42DR
HC42
−40 C to 85 C
SOIC − D
Reel of 250
SN74HC42DT
HC42
SOP − NS
Reel of 2000
SN74HC42NSR
HC42
CDIP − J
Tube of 25
SNJ54HC42J
SNJ54HC42J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC42W
SNJ54HC42W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC42FK
SNJ54HC42FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN74HC42DT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC42DT TI-SN74HC42DT Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN74HC42DT TI-SN74HC42DT Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
SN74HC42DTE4 TI-SN74HC42DTE4 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN74HC42DTE4 TI-SN74HC42DTE4 Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
SN74HC42DTG4 TI-SN74HC42DTG4 Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
More results

同様の説明 - SN74HC42DT

メーカー部品番号データシート部品情報
logo
Raytheon Company
LS43 RAYTHEON-LS43 Datasheet
191Kb / 3P
   4-LINE To 10-Line Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_07 Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
   4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN54HC42 TI-SN54HC42 Datasheet
94Kb / 6P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS 1 of 10
SN5442A TI-SN5442A Datasheet
213Kb / 7P
[Old version datasheet]   4-LINE BCD TO 10-LINE DECIMAL DECODERS
SN5442A TI1-SN5442A_11 Datasheet
224Kb / 7P
[Old version datasheet]   4-LINE BCD TO 10-LINE DECIMAL DECODERS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com