データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214B-T24A データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 CD214B-T24A
部品情報  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-T24A データシート(HTML) 3 Page - Bourns Electronic Solutions

  CD214B-T24A Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-T24A Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-T24A Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-T24A Datasheet HTML 4Page - Bourns Electronic Solutions CD214B-T24A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214B Transient Voltage Suppressor Diode Series
Product Dimensions
Recommended Pad Layout
Physical Specifications
Case ............................................Molded plastic per UL Class 94V-0
Polarity ........................Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ....................................................0.003 ounces / 0.093 grams
Dimension
SMB (DO-214AA)
A
4.06 - 4.57
(0.160 - 0.180)
B
3.30 - 3.94
(0.130 - 0.155)
C
1.96 - 2.21
(0.077 - 0.087)
D
0.15 - 0.31
(0.006 - 0.112)
E
5.21 - 5.59
(0.205 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
B
G
F
D
C
H
E
A
A
C
B
MM
(INCHES)
DIMENSIONS:
Dimension
SMB (DO-214AA)
A (Max.)
2.69
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)
MM
(INCHES)
DIMENSIONS:


同様の部品番号 - CD214B-T24A

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214B-T24A BOURNS-CD214B-T24A Datasheet
225Kb / 5P
   CD214B Transient Voltage Suppressor Diode Series
CD214B-T24A BOURNS-CD214B-T24A Datasheet
336Kb / 5P
   CD214B Transient Voltage Suppressor Diode Series
logo
SUNMATE electronic Co.,...
CD214B-T24A SUNMATE-CD214B-T24A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

同様の説明 - CD214B-T24A

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com