データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F192 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74F192
部品情報  Up/Down Decade Counter with Separate Up/Down Clocks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F192 データシート(HTML) 5 Page - Fairchild Semiconductor

  74F192_00 Datasheet HTML 1Page - Fairchild Semiconductor 74F192_00 Datasheet HTML 2Page - Fairchild Semiconductor 74F192_00 Datasheet HTML 3Page - Fairchild Semiconductor 74F192_00 Datasheet HTML 4Page - Fairchild Semiconductor 74F192_00 Datasheet HTML 5Page - Fairchild Semiconductor 74F192_00 Datasheet HTML 6Page - Fairchild Semiconductor 74F192_00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
100
125
75
90
MHz
tPLH
Propagation Delay CPU or
4.0
7.0
9.0
4.0
10.5
4.0
10.0
ns
tPHL
CPD to TCU or TCD
3.5
6.0
8.0
3.5
9.5
3.5
9.0
tPLH
Propagation Delay
4.0
6.5
8.5
4.0
10.0
4.0
9.5
ns
tPHL
CPU or CPD to Qn
5.5
9.5
12.5
5.5
14.0
5.5
13.5
tPLH
Propagation Delay
3.0
4.5
7.0
3.0
8.5
3.0
8.0
ns
tPHL
Pn to Qn
6.0
11.0
14.5
6.0
16.5
6.0
15.5
tPLH
Propagation Delay
5.0
8.5
11.0
5.0
13.5
5.0
12.0
ns
tPHL
PL to Qn
5.5
10.0
13.0
5.5
15.0
5.5
14.0
tPHL
Propagation Delay
6.5
11.0
14.5
6.5
16.0
6.5
15.5
ns
MR to Qn
tPLH
Propagation Delay
6.0
10.5
13.5
6.0
15.0
6.0
14.5
MR to TCU
tPHL
Propagation Delay
7.0
11.5
14.5
7.0
16.0
7.0
15.5
MR to TCD
tPLH
Propagation Delay
7.0
12.0
15.5
7.0
18.5
7.0
16.5
ns
tPHL
PL to TCU or TCD
7.0
11.5
14.5
7.0
17.5
7.0
15.5
tPLH
Propagation Delay
7.0
11.5
14.5
7.0
16.5
7.0
15.5
ns
tPHL
Pn to TCU or TCD
6.5
11.0
14.0
6.5
16.5
6.5
15.0
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.5
6.0
5.0
ns
tS(L)
Pn to PL
4.5
6.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
2.0
tH(L)
Pn to PL
2.0
2.0
2.0
tW(L)
PL Pulse Width, LOW
6.0
7.5
6.0
ns
tW(L)
CPU or CPD
5.0
7.0
5.0
ns
Pulse Width, LOW
tW(L)
CPU or CPD
Pulse Width, LOW
10.0
12.0
10.0
ns
(Change of Direction)
tW(H)
MR Pulse Width, HIGH
6.0
6.0
6.0
ns
tREC
Recovery Time
6.0
8.0
6.0
ns
PL to CPU or CPD
tREC
Recovery Time
4.0
4.5
4.0
ns
MR to CPU or CPD


同様の部品番号 - 74F192_00

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F192PC NSC-74F192PC Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F192PC FAIRCHILD-74F192PC Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
74F192SC NSC-74F192SC Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
74F192SJ NSC-74F192SJ Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F192SJ FAIRCHILD-74F192SJ Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
More results

同様の説明 - 74F192_00

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
   54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
   UP/DOWN DECADE COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
   SYNCHRONOUS UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com