データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6382D5 データシート(PDF) 7 Page - STMicroelectronics

部品番号 L6382D5
部品情報  Power management unit for microcontrolled ballast
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D5 データシート(HTML) 7 Page - STMicroelectronics

Back Button L6382D5 Datasheet HTML 3Page - STMicroelectronics L6382D5 Datasheet HTML 4Page - STMicroelectronics L6382D5 Datasheet HTML 5Page - STMicroelectronics L6382D5 Datasheet HTML 6Page - STMicroelectronics L6382D5 Datasheet HTML 7Page - STMicroelectronics L6382D5 Datasheet HTML 8Page - STMicroelectronics L6382D5 Datasheet HTML 9Page - STMicroelectronics L6382D5 Datasheet HTML 10Page - STMicroelectronics L6382D5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
L6382D5
Electrical characteristics
7/21
4
Electrical characteristics
Table 4. Electrical characteristcs (TJ = 25°C, VCC = 13V, CDRIVER = 1nF
unless otherwise specified)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
VccON
10
Turn-on voltage
13
14
15
V
VccOFF
10
Turn-off voltage
8.5
9
9.5
V
VccSM
10
Save mode voltage
12.75
13.8
14.85
V
VSMhys
10
Save mode
hysteresys
0.12
0.16
0.2
V
VREF(OFF)
10
Reference turn-off
6
6.4
6.8
V
IvccON
10
Start-up current
160
µA
IvccSM
10
Save Mode current
consumption
220
µA
(1)
190
250
µA
Ivcc
10
Quiescent current
in operating mode
VCC=13V;
LGI = HGI = high;
no load on VREF.
2.1
mA
Vz
10
Internal Zener
16.5
17
18
V
High voltage start-up
IMSS
15
Maximum current
VHVSU > 50V
20
mA
ILSS
15
Leakage current off
state
VHVSU = 600V
40
µA
Two point regulator (TPR) protection
TPRst
10
Vcc Protection
level
Operating mode
14.0
14.5
15.0
V
TPR(ON)
10
Vcc Turn-on level
Operating mode; after
the first falling edge on
LSG
12.5
13
13.5
V
TPR(OFF)
10
Vcc Turn-off level
Operating mode; after
the first falling edge on
LSG
12.45
12.95
13.48
V
7
Output voltage on
state
ITPR = 200mA
2V
7
Forward voltage
drop Diode
@ 600mA forward
current.
2.3
V
7
Leakage current off
state
VTPR = 13V
5µA


同様の部品番号 - L6382D5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
More results

同様の説明 - L6382D5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
   ST7LITE0xxx MICROCONTROLLED BALLAST
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com