データシートサーチシステム |
|
TS68332DESC01XA データシート(PDF) 11 Page - ATMEL Corporation |
|
TS68332DESC01XA データシート(HTML) 11 Page - ATMEL Corporation |
11 / 57 page 11 2118A–HIREL–11/05 TS68332 7.2 Static Characteristics Table 7-1. DC Characteristics. V DD and VDDSYN = 5.0VDC ± 10% for 16.78 MHz and 5.0VDC ± 5% for 20.97 MHz; V SS =0VDC; TC = -55°C to +125°C or -40°C to +85°C Number Symbol Parameter 16.78 MHz 20.97 MHz Unit Min Max Min Max 1V IH Input High Voltage 0.7 (V DD)VDD+0.3 0.7(V DD)VDD+0.3 V 2V IL Input Low Voltage V SS - 0.3 0.2(V DD)VSS - 0.3 0.2(V DD)V 3VHYS Input Hysteresis (1) 0.5 - 0.5 - V 4I IN Input Leakage Current (2) VIN = VDD or VSS Input-only pins - 2.5 2.5 - 2.5 2.5 µA 5I OZ High Impedance (off-state) Leakage Current (2) V IN = VDD or VSS L All input/output and output pins - 2.5 2.5 - 2.5 2.5 µA 6VOH CMOS Output High Voltage (2)(3) IOH = -10.0 µA Group 1, 2, 4 input/output and all output pins and all output pins V DD - 0.2 - V DD - 0.2 - V 7VOL CMOS Output High Voltage (2) I OH = -10.0 µA Group 1, 2, 4 input/output and all output pins - 0.2 - 0.2 V 8V OH Output High Voltage (2)(3) I OH = -0.8 mA Group 1, 2, 4 input/output and all output pins V DD - 0.8 - V DD - 0.8 - V 9V OL Output Low Voltage (2) IOL = 1.6 mA I OL = 5.3 mA IOL = 12 mA Group 1 I/O pins CLKOUT, FREEZE/QUOT, IPIPE Group 2, 4 I/O pins, CSBOOT, BG/CS Group 3 - - - 0.4 0.4 0.4 - - - 0.4 0.4 0.4 V V V 10 V IHTSC Three State Control Input High Voltage 1.6(V DD)9.1 1.6(V DD)9.1 V 11 I MSP Data Bus Mode Select Pull- up Current (5) V IN = VIL V IN = VIH DATA [15:0] DATA [15:0] - -15 -120 - - - 15 -120 - µA µA 12 I DD I DD S IDD S IDD V DD supply current (5) RUN (6) RUN, TPU emulation mode LPSTOP, 32.768 kHz crystal, VCO off (STSIM = 0) LPSTOP (external clock input frequency = maximum f sys) - - - - 124 134 350 5 - - - - 140 150 350 5 mA mA µA mA |
同様の部品番号 - TS68332DESC01XA |
|
同様の説明 - TS68332DESC01XA |