データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68332VA16 データシート(PDF) 6 Page - ATMEL Corporation

部品番号 TS68332VA16
部品情報  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VA16 データシート(HTML) 6 Page - ATMEL Corporation

Back Button TS68332VA16 Datasheet HTML 2Page - ATMEL Corporation TS68332VA16 Datasheet HTML 3Page - ATMEL Corporation TS68332VA16 Datasheet HTML 4Page - ATMEL Corporation TS68332VA16 Datasheet HTML 5Page - ATMEL Corporation TS68332VA16 Datasheet HTML 6Page - ATMEL Corporation TS68332VA16 Datasheet HTML 7Page - ATMEL Corporation TS68332VA16 Datasheet HTML 8Page - ATMEL Corporation TS68332VA16 Datasheet HTML 9Page - ATMEL Corporation TS68332VA16 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
2118A–HIREL–11/05
TS68332
2.1
Signal Description
Figure 2-1 on page 3 illustrates the functional signal groups and Table 2-1 lists the signals and
their function.
Table 2-1.
Signal Index
Signal Name
Mnemonic
Function
Address Bus
A23 - A0
24-bit address bus
Data Bus
D15 - D0
16-bit data bus used to transfer byte or word data per bus cycle
Data Bus Function Codes
FC2 - FC0
Identify the processor state and the address space of the current bus cycle
Boot Chip Select
CSBOOT
Chip-select boot stat up ROM containing user’s reset vector and initialization program
Chip Selects
CS10 - CSO
Enables peripherals at programmed addresses
Bus Request
BR
Indicates that an external device requires bus mastership
Bus Grant
BG
Indicates that current bus cycle is complete and the TS68332 has relinquished the
bus
Bus Grant Acknowledge
BGACK
Indicates that an external device has assumed bus mastership
Data and Size
Acknowledgement
DSACK1,
DSACK0
Provides asynchronous data transfers and dynamic bus sizing
Autovector
AVEC
Requests an automatic vector during an interrupt acknowledge cycle
Read-Modify-Write Cycle
RMC
Identifies the bus cycle as part of an indivisible read-modify-write cycle
Address Strobe
AS
Indicates that a valid address is on the address bus
Data Strobe
DS
During a read cycle, DS indicates that an external device should place valid data on
the data bus. During a write cycle, DS indicates that valid data is on the data bus.
Size
SIZ1 - SIZ0
Indicates the number of bytes remaining to be transferred for this cycle
Read/Write
R/W
Indicates the direction of data transfer on the bus
Interrupt Request Level
IRQ7 - IRQ0
Provides an interrupt priority level to the CPU
Reset
RESET
System reset
Halt
HALT
Suspend external bus activity
Bus Error
BERR
Indicates that an erroneous bus operation is being attempted
System Clockout
CLKOUT
Internal system clock
Crystal Oscillator
EXTAL, XTAL
Connection for an external crystal to the internal oscillator circuit
External Filter Capacitor
XFC
Connection pin for an external capacitor to filter the circuit of the phase-locked loop
Clock Mode Select
MODCK
Selects the source of the internal system clock
Instruction Fetch
IFETCH
Indicates when the CPU is performing an instruction word pre-fetch and when the
instruction pipeline has been flushed
Instruction Pipe
IPIPE
Used to track movement of words through the instruction pipeline
Breakpoint
BKPT
Signals a hardware breakpoint to the CPU
Freeze
FREEZE
Indicates that the CPU has acknowledged a breakpoint
Quotient Out
QUOT
Serial I/O and clock for background debug mode
Test Mode Enable
TSTME
Hardware enable for test mode
Three-State Control
TSC
Places all output drivers in a high-impedance state


同様の部品番号 - TS68332VA16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332VA16 ATMEL-TS68332VA16 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

同様の説明 - TS68332VA16

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com