データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS18B20 データシート(PDF) 12 Page - Dallas Semiconductor

部品番号 DS18B20
部品情報  Programmable Resolution 1-Wire Digital Thermometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DALLAS [Dallas Semiconductor]
ホームページ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 データシート(HTML) 12 Page - Dallas Semiconductor

Back Button DS18B20 Datasheet HTML 8Page - Dallas Semiconductor DS18B20 Datasheet HTML 9Page - Dallas Semiconductor DS18B20 Datasheet HTML 10Page - Dallas Semiconductor DS18B20 Datasheet HTML 11Page - Dallas Semiconductor DS18B20 Datasheet HTML 12Page - Dallas Semiconductor DS18B20 Datasheet HTML 13Page - Dallas Semiconductor DS18B20 Datasheet HTML 14Page - Dallas Semiconductor DS18B20 Datasheet HTML 15Page - Dallas Semiconductor DS18B20 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DS18B20
12 of 22
COPY SCRATCHPAD [48h]
This command copies the contents of the scratchpad TH, TL and configuration registers (bytes 2, 3 and 4)
to EEPROM. If the device is being used in parasite power mode, within 10
μs (max) after this command is
issued the master must enable a strong pullup on the 1-Wire bus for at least 10ms as described in the
Powering the DS18B20 section.
RECALL E
2 [B8h]
This command recalls the alarm trigger values (TH and TL) and configuration data from EEPROM and
places the data in bytes 2, 3, and 4, respectively, in the scratchpad memory. The master device can issue
read time slots following the Recall E
2 command and the DS18B20 will indicate the status of the recall by
transmitting 0 while the recall is in progress and 1 when the recall is done. The recall operation happens
automatically at power-up, so valid data is available in the scratchpad as soon as power is applied to the
device.
READ POWER SUPPLY [B4h]
The master device issues this command followed by a read time slot to determine if any DS18B20s on the
bus are using parasite power. During the read time slot, parasite powered DS18B20s will pull the bus
low, and externally powered DS18B20s will let the bus remain high. See the Powering the DS18B20
section for usage information for this command.
Table 3. DS18B20 Function Command Set
COMMAND
DESCRIPTION
PROTOCOL
1-Wire BUS
ACTIVITYAFTER
COMMAND IS ISSUED
NOTES
TEMPERATURE CONVERSION COMMANDS
Convert T
Initiates temperature
conversion.
44h
DS18B20 transmits
conversion status to master
(not applicable for parasite-
powered DS18B20s).
1
MEMORY COMMANDS
Read
Scratchpad
Reads the entire scratchpad
including the CRC byte.
BEh
DS18B20 transmits up to 9
data bytes to master.
2
Write
Scratchpad
Writes data into scratchpad
bytes 2, 3, and 4 (TH, TL,
and configuration
registers).
4Eh
Master transmits 3 data bytes
to DS18B20.
3
Copy
Scratchpad
Copies TH, TL, and
configuration register data
from the scratchpad to
EEPROM.
48h
None
1
Recall E
2
Recalls TH, TL, and
configuration register data
from EEPROM to the
scratchpad.
B8h
DS18B20 transmits recall
status to master.
Read Power
Supply
Signals DS18B20 power
supply mode to the master.
B4h
DS18B20 transmits supply
status to master.
Note 1:
For parasite-powered DS18B20s, the master must enable a strong pullup on the 1-Wire bus during temperature
conversions and copies from the scratchpad to EEPROM. No other bus activity may take place during this time.
Note 2:
The master can interrupt the transmission of data at any time by issuing a reset.
Note 3:
All three bytes must be written before a reset is issued.


同様の部品番号 - DS18B20

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
More results

同様の説明 - DS18B20

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com