データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS18B20 データシート(PDF) 20 Page - Dallas Semiconductor

部品番号 DS18B20
部品情報  Programmable Resolution 1-Wire Digital Thermometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DALLAS [Dallas Semiconductor]
ホームページ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 データシート(HTML) 20 Page - Dallas Semiconductor

Back Button DS18B20 Datasheet HTML 14Page - Dallas Semiconductor DS18B20 Datasheet HTML 15Page - Dallas Semiconductor DS18B20 Datasheet HTML 16Page - Dallas Semiconductor DS18B20 Datasheet HTML 17Page - Dallas Semiconductor DS18B20 Datasheet HTML 18Page - Dallas Semiconductor DS18B20 Datasheet HTML 19Page - Dallas Semiconductor DS18B20 Datasheet HTML 20Page - Dallas Semiconductor DS18B20 Datasheet HTML 21Page - Dallas Semiconductor DS18B20 Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DS18B20
20 of 22
AC ELECTRICAL CHARACTERISTICS—NV MEMORY
(-55°C to +100°C; VDD = 3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NV Write Cycle Time
tWR
2
10
ms
EEPROM Writes
NEEWR
-55°C to +55°C
50k
writes
EEPROM Data Retention
tEEDR
-55°C to +55°C
10
years
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD = 3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
9-bit resolution
93.75
10-bit resolution
187.5
11-bit resolution
375
Temperature Conversion
Time
tCONV
12-bit resolution
750
ms
1
Time to Strong Pullup On
tSPON
Start Convert T
Command Issued
10
μs
Time Slot
tSLOT
60
120
μs
1
Recovery Time
tREC
1
μs
1
Write 0 Low Time
tLOW0
60
120
μs
1
Write 1 Low Time
tLOW1
1
15
μs
1
Read Data Valid
tRDV
15
μs
1
Reset Time High
tRSTH
480
μs
1
Reset Time Low
tRSTL
480
μs
1,2
Presence-Detect High
tPDHIGH
15
60
μs
1
Presence-Detect Low
tPDLOW
60
240
μs
1
Capacitance
CIN/OUT
25
pF
NOTES:
1) See the timing diagrams in Figure 18.
2) Under parasite power, if tRSTL > 960μs, a power-on reset may occur.
Figure 17. Typical Performance Curve
DS18B20 Typical Error Curve
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
10203040506070
Temperature (°C)
Mean Error
+3s Error
-3s Error


同様の部品番号 - DS18B20

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
More results

同様の説明 - DS18B20

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com