データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDH2T-433-9 データシート(PDF) 7 Page - Radiometrix Ltd

部品番号 TDH2T-433-9
部品情報  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RADIOMETRIX [Radiometrix Ltd]
ホームページ  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2T-433-9 データシート(HTML) 7 Page - Radiometrix Ltd

Back Button TDH2T-433-9 Datasheet HTML 3Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 4Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 5Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 6Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 7Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 8Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 9Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 10Page - Radiometrix Ltd TDH2T-433-9 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Radiometrix Ltd
TDH2 Data Sheet
page 7
Serial data should be in the following format:
1 start bit, 8 data bits, no parity, 1 or 2 stop bits
9600bps
0V=low, 5V=high
STATUS pin can be connected to one of the port pins which can generate an interrupt on low-to-high
transition (e.g. RB0/INT pin in the PIC). This can be used to enter a receive sub-routine to download
data received from remote TDH2. Therefore, the host does not need to wait in a loop for a packet.
Range test and site survey can be carried out by connecting an LED on the STATUS pin. Every time,
TDH2 is within range to receive valid data, the LED will flicker.
Interfacing RS232 port to TDH2
Figure 7: TDH2 interfaced to an RS232 port via an RS232 line driver/receiver
STATUS pin in this can be connected to CTS, DSR and DCD pin to simulate a flow control signal.
TDH2 is capable of continuously streaming data at 9600bps. Therefore, STATUS pin is not asserted to
stop the Host from sending data as in normal RTS/CTS flow control method, but merely to warn the
host that there is already data in the receive buffer which need to be downloaded before sending any
more data.
Some DTE hosts assert DTR signal when they are active and this can be used via RS232 line receiver to
enable TDH2. Otherwise the ENABLE must be physically pulled-low to activate the TDH2.
NOTE:
An interface board (with MAX232 type buffer, 9 way D connector, 5V voltage regulator and SMA RF
connector) is available. This board is 61mm x 33mm in size.


同様の部品番号 - TDH2T-433-9

メーカー部品番号データシート部品情報
logo
Radiometrix Ltd
TDH2T-433-9 RADIOMETRIX-TDH2T-433-9 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

同様の説明 - TDH2T-433-9

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com