データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2H-433-5 データシート(PDF) 1 Page - Radiometrix Ltd

部品番号 TLC2H-433-5
部品情報  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RADIOMETRIX [Radiometrix Ltd]
ホームページ  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TLC2H-433-5 データシート(HTML) 1 Page - Radiometrix Ltd

  TLC2H-433-5 Datasheet HTML 1Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 2Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 3Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 4Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 5Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 6Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 7Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 8Page - Radiometrix Ltd TLC2H-433-5 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd
TLC2H/RLC2H Data Sheet
page 1
Features
433MHz version conforms to EN 300 220-3 and EN 301 489-3
High performance double superhet. PLL synthesizer with TCXO
SAW front-end filter
Data rates up to 5 kbps for standard module
Usable range over 500m
Fully screened. Low profile
Feature-rich interface (RSSI, analogue and digital baseband)
Re-programmable via RS232 interface
Low power requirements
Applications
Handheld terminals
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
DGPS systems
Vehicle data up/download
Heavy vehicle/machinery controls
Technical Summary
Operating frequency: 433.875-434.650MHz
Any custom frequency on 433MHz – 435MHz
32 channels in 433MHz band
Transmit power: +10dBm (10mW)
Supply range: 3.1 - 15V (Transmit), 3.7 – 15V(Receive)
Current consumption: 34mA (transmit), 18mA (receive)
Data bit rate: 5kbps max. (standard module)
Receiver sensitivity: -120dBm (for 12 dB SINAD)
Serial configuration by inverted RS232 at 3V CMOS level
UHF Narrow Band FM Low Cost multi channel radio modules
UHF Narrow Band FM Low Cost multi channel radio modules
UHF Narrow Band FM Low Cost multi channel radio modules
UHF Narrow Band FM Low Cost multi channel radio modules
The TLC2H transmitter RLC2H receiver
modules offer a low power, reliable data
link in an industry-standard pin out
and
footprint.
This
makes
the
TLC2H/RLC2H pair ideally suited to
those low power applications where
existing
wideband
modules
have
insufficient range, or where low cost
multi-channel
operation
is
needed
without
compromising
on
RF
specification or regulatory requirement.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 1, 28 September 2006
TLC2H/RLC2H
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: RLC2H receiver & TLC2H transmitter


同様の部品番号 - TLC2H-433-5

メーカー部品番号データシート部品情報
logo
Radiometrix Ltd
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
More results

同様の説明 - TLC2H-433-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com