データシートサーチシステム |
|
LM124 データシート(PDF) 3 Page - Texas Instruments |
|
|
LM124 データシート(HTML) 3 Page - Texas Instruments |
3 / 27 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION (CONTINUED) TA VIOmax AT 25 °C MAX TESTED VCC PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (N) Tube of 25 LM2902N LM2902N PDIP (N) Tube of 25 LM2902KN LM2902KN Tube of 50 LM2902D LM2902 SOIC (D) Reel of 2500 LM2902DR LM2902 SOIC (D) Tube of 50 LM2902KD LM2902K Reel of 2500 LM2902KDR LM2902K Reel of 2000 LM2902NSR LM2902 26 V SOP (NS) Tube of 50 LM2902KNS LM2902K 7 mV 26 V SOP (NS) Reel of 2000 LM2902KNSR LM2902K −40 °C to 125°C 7 mV SSOP (DB) Tube of 80 LM2902KDB L2902K −40 C to 125 C SSOP (DB) Reel of 2000 LM2902KDBR L2902K Tube of 90 LM2902PW L2902 TSSOP (PW) Reel of 2000 LM2902PWR L2902 TSSOP (PW) Tube of 90 LM2902KPW L2902K Reel of 2000 LM2902KPWR L2902K 32 V SOIC (D) Reel of 2500 LM2902KVQDR L2902KV 32 V TSSOP (PW) Reel of 2000 LM2902KVQPWR L2902KV 2 mV 32 V SOIC (D) Reel of 2500 LM2902KAVQDR L2902KA 2 mV 32 V TSSOP (PW) Reel of 2000 LM2902KAVQPWR L2902KA CDIP (J) Tube of 25 LM124J LM124J CFP (W) Tube of 25 LM124W LM124W 5 mV 30 V LCCC (FK) Tube of 55 LM124FK LM124FK −55 °C to 125°C 5 mV 30 V SOIC (D) Tube of 50 LM124D LM124 −55 C to 125 C SOIC (D) Reel of 2500 LM124DR LM124 2 mV 30 V CDIP (J) Tube of 25 LM124AJ LM124AJ 2 mV 30 V LCCC (FK) Tube of 55 LM124AFK LM124AFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. symbol (each amplifier) IN− IN+ OUT |
同様の部品番号 - LM124 |
|
同様の説明 - LM124 |