データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AAT2789 データシート(PDF) 4 Page - Advanced Analogic Technologies

部品番号 AAT2789
部品情報  Low Noise, High Frequency Dual Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGICTECH [Advanced Analogic Technologies]
ホームページ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2789 データシート(HTML) 4 Page - Advanced Analogic Technologies

  AAT2789 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2789 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AAT2789
Low Noise, High Frequency Dual Step-Down Converter
SystemPowerTM
PRODUCT DATASHEET
4
2789.2008.03.1.0
www .analogictech.com
AAT2789
Low Noise, High Frequency Dual Step-Down Converter
SystemPowerTM
PRODUCT DATASHEET
4
2789.2008.03.1.0
www .analogictech.com
Electrical Characteristics1
VIN = 3.6V, TA = -40°C to 85°C, unless noted otherwise. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Channel 1: 1700mA Step-Down Converter
VP1, VCC1
Input Voltage
2.7
5.5
V
VUVLO1
UVLO Threshold
VP1 Rising
2.4
V
VP1 Hysteresis
250
mV
VP1 Falling
1.7
V
VOUT1
Output Voltage Range
0.6
VP1
V
VOUT1(TOL)
Output Voltage Tolerance
IOUT1 = 0A to 1.7A; VP1 = 2.7V to 5.5V
-3.0
3.0
%
IQ1
Quiescent Current
No load, VEN1 = VP1, VEN2 = AGND
42
90
μA
ISHDN1
Shutdown Current
VEN1 = GND
1.0
μA
ILIM1
Current Limit
1800
mA
RDSON(H)1
High Side On-Resistance
120
RDSON(L)1
Low Side On-Resistance
85
ΔVLOADREG1
Load Regulation
IOUT1 = 0A to 1.7A
0.5
%
ΔVLINEREG1 /
ΔVP1
Line Regulation
VP1 = 2.7V to 5.5V
0.2
%/V
FOSC1
Oscillator Frequency
1.12
1.40
1.68
MHz
TS1
Start-Up Time
From Enable-1 to Output-1 Regulation
150
μs
Channel 2: 800mA Step-Down Converter
VP2, VCC2
Input Voltage
2.7
5.5
V
VUVLO2
UVLO Threshold
VP2 Rising
2.7
V
VP2 Hysteresis
100
mV
VP2 Falling
1.7
V
VOUT2
Output Voltage Range
0.6
VP2
V
VOUT2(TOL)
Output Voltage Tolerance
IOUT2 = 0A to 800mA, VP2 = 2.7V to 5.5V
-3.0
3.0
%
IQ2
Quiescent Current
No load, VEN2 = VP2, VEN1 = AGND
37
70
μA
ISHDN2
Shutdown Current
VEN2 = GND
1.0
μA
ILIM2
Current Limit
900
mA
RDSON(H)2
High Side On-Resistance
330
RDSON(L)2
Low Side On-Resistance
275
ΔVLOADREG2
Load Regulation
IOUT2= 0mA to 800mA
0.5
%
ΔVLINEREG2 /
ΔVP2
Line Regulation
VP2 = 2.7V to 5.5V
0.1
%/V
FOSC2
Oscillator Frequency
0.9
2.0
2.6
MHz
TS2
Start-Up Time
From Enable-2 to Output-2 Regulation
150
μs
Over-Temperature, EN Logic
TSD1,2
Over-Temperature Shutdown Threshold
140
°C
Over-Temperature Shutdown Hysteresis
15
°C
VEN1,2(L)
Enable Threshold Low
0.6
V
VEN1,2(H)
Enable Threshold High
1.4
V
IEN(1,2
Input Low Current
-1.0
1.0
μA
1. The AAT2789 is guaranteed to meet performance specifications over the –40°C to +85°C operating temperature range, and is assured by design, characterization and correla-
tion with statistical process controls.


同様の部品番号 - AAT2789

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Advanced Analogic Techn...
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2783 SKYWORKS-AAT2783 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
More results

同様の説明 - AAT2789

メーカー部品番号データシート部品情報
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
   500mA Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
   1.5A Low Noise Step-Down Converter
AAT2153 ANALOGICTECH-AAT2153 Datasheet
2Mb / 17P
   2.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
   Low Noise Dual 600mA Step-Down Converter with Synchronization
logo
Linear Technology
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2522 SKYWORKS-AAT2522 Datasheet
3Mb / 19P
   Dual High-Current, Low-Noise, Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com