データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDT27GK18 データシート(PDF) 4 Page - Sirectifier Semiconductors

部品番号 SDT27GK18
部品情報  Thyristor-Diode Modules, Diode-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECTIFIER [Sirectifier Semiconductors]
ホームページ  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDT27GK18 データシート(HTML) 4 Page - Sirectifier Semiconductors

  SDT27GK18 Datasheet HTML 1Page - Sirectifier Semiconductors SDT27GK18 Datasheet HTML 2Page - Sirectifier Semiconductors SDT27GK18 Datasheet HTML 3Page - Sirectifier Semiconductors SDT27GK18 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STD/SDT27
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.88
180
oC
0.92
120
oC
0.95
60
oC
0.98
30
oC
1.01
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.019
0.0031
2
0.029
0.0216
3
0.832
0.191
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
1.08
180
oC
1.12
120
oC
1.15
60
oC
1.18
30
oC
1.21
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.019
0.0031
2
0.029
0.0216
3
0.832
0.191
4
0.2
0.45
3 x STD/SDT27
STD/SDT27
STD/SDT27


同様の部品番号 - SDT27GK18

メーカー部品番号データシート部品情報
logo
Sirectifier Global Corp...
SDT27GK18 SIRECT-SDT27GK18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

同様の説明 - SDT27GK18

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com