データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV721 データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV721
部品情報  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV721 データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV721_06 Datasheet HTML 7Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 8Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 9Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 10Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 11Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 12Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 13Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 14Page - National Semiconductor (TI) LMV721_06 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Notes (Continued)
The capacitor C
1 is placed between the inverting input and
resistor R
1 to block the DC signal going into the AC signal
source, V
IN. The values of R1 and C1 affect the cutoff fre-
quency, fc = 12
π R
1C1.
As a result, the output signal is centered around mid-supply
(if the voltage divider provides V
+/2 at the non-inverting
input). The output can swing to both rails, maximizing the
signal-to-noise ratio in a low voltage system.
4.4 Active Filter
4.4.1 Simple Low-Pass Active Filter
The simple low-pass filter is shown in Figure 9. Its low-pass
frequency gain (
ω → o) is defined by −R
3/R1. This allows
low-frequency gains other than unity to be obtained. The
filter has a −20dB/decade roll-off after its corner frequency
fc. R
2 should be chosen equal to the parallel combination of
R
1 and R3 to minimize error due to bias current. The fre-
quency response of the filter is shown in Figure 10.
Note that the single-op-amp active filters are used in to the
applications that require low quality factor, Q(
≤ 10), low
frequency (
≤ 5KHz), and low gain (≤ 10), or a small value for
the product of gain times Q(
≤ 100). The op amp should have
an open loop voltage gain at the highest frequency of inter-
est at least 50 times larger than the gain of the filter at this
frequency. In addition, the selected op amp should have a
slew rate that meets the following requirement:
Slew Rate
≥ 0.5x(ω
H VOPP)X10
−6V/µsec
Where
ω
H is the highest frequency of interest, and VOPP is
the output peak-to-peak voltage.
Here is a LMV721 used as a microphone preamplifier. Since
the LMV721 is a low noise and low power op amp, it makes
it an ideal candidate as a battery powered microphone
preamplifier. The LMV721 is connected in an inverting con-
figuration. Resistors, R
1 =R2 = 4.7k
Ω, sets the reference
half way between V
CC = 3V and ground. Thus, this config-
ures the op amp for single supply use. The gain of the
preamplifier, which is 50 (34dB), is set by resistors R
3 =
10k
Ω and R
4 = 500k
Ω. The gain bandwidth product for the
LMV721 is 10 MHz. This is sufficient for most audio applica-
tion since the audio range is typically from 20 Hz to 20kHz. A
resistor R
5 =5k
Ω is used to bias the electret microphone.
Capacitors C
1 =C2 = 4.7µF placed at the input and output of
the op amp to block out the DC voltage offset.
10092223
FIGURE 8. Single-Supply Inverting Amplifier
10092224
FIGURE 9. Simple Low-Pass Active Filter
10092225
FIGURE 10. Frequency Response of Simple Low-pass
Active Filter in Figure 9
10092244
FIGURE 11. A Battery Powered Microphone
Preamplifier
www.national.com
11


同様の部品番号 - LMV721_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV721-N TI-LMV721-N Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219 NSC-LMV7219 Datasheet
704Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
More results

同様の説明 - LMV721_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com