データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM7511 データシート(PDF) 11 Page - SamHop Microelectronics Corp.

部品番号 SM7511
部品情報  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7511 データシート(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM7511 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 13Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 14Page - SamHop Microelectronics Corp. SM7511 Datasheet HTML 15Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Page 10
The ability of the SM7511 to easily switch between BTL and SE modes is one of its most important cost saving
features. This feature eliminates the requirement for an additional headphone amplifier in applications where
internal stereo speakers are driven in BTL mode but external headphone or speakers must be accommodated.
Internal to the SM7511, two separate amplifiers drive OUT+ and OUT-. The SE/BTL input controls the operation
of the follower amplifier that drives LOUT- and ROUT-. When SE/BTL is held low, the amplifier is on and the
SM7511 is in the BTL mode. When SE/BTL is held high, the OUT- amplifiers are in a high output impedance
state, which configures the SM7511 as an SE driver from LOUT+ and ROUT+. IDD is reduced by approximately
one-third in SE mode. Control of the SE/BTL input can be from a logic-level CMOS source or, more typically,
from a resistor divider network as shown in Figure 3. The trip level for the SE/BTL input can be found in the
recommended operating condition
table.
Using a 1/8-in. (3,5mm) stereo headphone jack, the control switch is closed when no plug is inserted. When
closed the 100KΩ/1KΩ divider pulls the SE/BTL input low. When a plug is inserted, the 1KΩ resistor is
disconnected and SE/BTL input is pulled high. When the input goes high, the OUT- amplifier is shut down
causing the speaker to mute (open-circuits the speaker). The OUT+ amplifier then drives through the output
capacitor (CO) into the headphone jack.
SE/BTL OPERATION
APPLICATION INFORMATION (continued)
RHPIN
+
_
ROUT+
ROUT-
RLINEIN
RIN
+
_
+
_
SE/BTL
R
MUX
HP/LINE
_
+
BYP
Input
MUX
Control
BYP
EN
BYP
24
2
23 100KΩ
100KΩ
VDD
Co
330μF
1KΩ
LOUT+
4
5
22
6
Figure 3. SM7511 Resistor Divider Network Circuit
V.1.3 Revised April 02,2007


同様の部品番号 - SM7511

メーカー部品番号データシート部品情報
logo
Sinopower Semiconductor...
SM7511NSK SINOPWER-SM7511NSK Datasheet
239Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM7511NSKC-TRG SINOPWER-SM7511NSKC-TRG Datasheet
239Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM7511NSUB SINOPWER-SM7511NSUB Datasheet
242Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM7511NSUBC-TUG SINOPWER-SM7511NSUBC-TUG Datasheet
242Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

同様の説明 - SM7511

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com