データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV4052A データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LV4052A
部品情報  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4052A データシート(HTML) 9 Page - Texas Instruments

Back Button SN74LV4052A Datasheet HTML 5Page - Texas Instruments SN74LV4052A Datasheet HTML 6Page - Texas Instruments SN74LV4052A Datasheet HTML 7Page - Texas Instruments SN74LV4052A Datasheet HTML 8Page - Texas Instruments SN74LV4052A Datasheet HTML 9Page - Texas Instruments SN74LV4052A Datasheet HTML 10Page - Texas Instruments SN74LV4052A Datasheet HTML 11Page - Texas Instruments SN74LV4052A Datasheet HTML 12Page - Texas Instruments SN74LV4052A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VO
VCC
50
fin
VINH = GND
0.1
µF
VI
VCC
GND
(ON)
RL = 600 Ω
CL = 50 pF
NOTE A: fin is a sine wave.
VCC/2
Figure 6. Frequency Response (Switch On)
VO1
RL = 600 Ω
CL = 50 pF
VCC
50
fin
VCC/2
VINH = GND
0.1
µF
VI
VO2
VCC
600
VCC/2
VINH = VCC
600
VCC
GND
(ON)
VCC
GND
(OFF)
RL = 600 Ω
CL = 50 pF
Figure 7. Crosstalk Between Any Two Switches
VO
VCC
VCC
GND
RL = 600 Ω
CL = 50 pF
VCC/2
VCC/2
50
VINH
600
fin
Figure 8. Crosstalk Between Control Input and Switch Output


同様の部品番号 - SN74LV4052A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV4052A TI-SN74LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-EP TI1-SN74LV4052A-EP Datasheet
477Kb / 12P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - SN74LV4052A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com