データシートサーチシステム |
|
SN74LV4052ADGVR データシート(PDF) 4 Page - Texas Instruments |
|
|
SN74LV4052ADGVR データシート(HTML) 4 Page - Texas Instruments |
4 / 24 page SN54LV4052A, SN74LV4052A DUAL 4CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS SCLS429H − MAY 1999 − REVISED APRIL 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54LV4052A SN74LV4052A UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT On-state IT = 2 mA, V = V or GND, 2.3 V 43 180 225 225 ron On-state switch resistance IT = 2 mA, VI = VCC or GND, VINH = VIL 3 V 34 150 190 190 Ω ron switch resistance VINH = VIL (see Figure 1) 4.5 V 25 75 100 100 Peak IT = 2 mA, 2.3 V 133 500 600 600 ron(p) Peak on-state resistance IT = 2 mA, VI = VCC to GND, V = V 3 V 63 180 225 225 Ω ron(p) on-state resistance VI = VCC to GND, VINH = VIL 4.5 V 35 100 125 125 Ω Difference in IT = 2 mA, 2.3 V 1.5 30 40 40 ∆ron Difference in on-state resistance between switches IT = 2 mA, VI = VCC to GND, V = V 3 V 1.1 20 30 30 Ω ∆ron on-state resistance between switches VI = VCC to GND, VINH = VIL 4.5 V 0.7 15 20 20 Ω II Control input current VI = 5.5 V or GND 0 to 5.5 V ±0.1 ±1 ±1 µA IS(off) Off-state switch leakage current VI = VCC and VO = GND, or VI = GND and VO = VCC, VINH = VIH (see Figure 2) 5.5 V ±0.1 ±1 ±1 µA IS(on) On-state switch leakage current VI = VCC or GND, VINH = VIL (see Figure 3) 5.5 V ±0.1 ±1 ±1 µA ICC Supply current VI = VCC or GND 5.5 V 20 20 µA CIC Control input capacitance f = 10 MHz 3.3 V 2.1 pF CIS Common terminal capacitance 3.3 V 13.1 pF COS Switch terminal capacitance 3.3 V 5.6 pF CF Feedthrough capacitance 3.3 V 0.5 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
同様の部品番号 - SN74LV4052ADGVR |
|
同様の説明 - SN74LV4052ADGVR |